Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP73871-2CCI/ML Datasheet(PDF) 23 Page - Microchip Technology

Part # MCP73871-2CCI/ML
Description  Stand-Alone System Load Sharing and Li-Ion / Li-Polymer Battery Charge Management Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73871-2CCI/ML Datasheet(HTML) 23 Page - Microchip Technology

Back Button MCP73871-2CCI/ML Datasheet HTML 19Page - Microchip Technology MCP73871-2CCI/ML Datasheet HTML 20Page - Microchip Technology MCP73871-2CCI/ML Datasheet HTML 21Page - Microchip Technology MCP73871-2CCI/ML Datasheet HTML 22Page - Microchip Technology MCP73871-2CCI/ML Datasheet HTML 23Page - Microchip Technology MCP73871-2CCI/ML Datasheet HTML 24Page - Microchip Technology MCP73871-2CCI/ML Datasheet HTML 25Page - Microchip Technology MCP73871-2CCI/ML Datasheet HTML 26Page - Microchip Technology MCP73871-2CCI/ML Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
© 2009 Microchip Technology Inc.
DS22090B-page 23
MCP73871
5.0
DETAILED DESCRIPTION
5.1
Analog Circuitry
5.1.1
LOAD SHARING AND LI-ION
BATTERY MANAGEMENT INPUT
SUPPLY (VIN)
The VIN input is the input supply to the MCP73871
device. The MCP73871 device can be supplied by
either AC Adapter (VAC) or USB Port (VUSB) with SEL
pin. The MCP73871 device automatically powers the
system with the Li-Ion battery when the VIN input is not
present.
5.1.2
FAST CHARGE CURRENT
REGULATION SET (PROG1)
For the MCP73871 device, the charge current
regulation can be scaled by placing a programming
resistor (RPROG1) from the PROG1 pin to VSS. The
program resistor and the charge current are calculated
using the following equation:
EQUATION 5-1:
The fast charge current is set for maximum charge
current from ac-dc adapter and USB port. The
preconditioning current is 10% (0.1C) to the fast
charge current.
5.1.3
BATTERY CHARGE CONTROL
OUTPUT (VBAT)
The battery charge control output is the drain terminal
of an internal P-channel MOSFET. The MCP73871
device
provides
constant
current
and
voltage
regulation to the battery pack by controlling this
MOSFET in the linear region. The battery charge
control output should be connected to the positive
terminal of the battery pack.
5.1.4
TEMPERATURE QUALIFICATION
(THERM)
The MCP73871 device continuously monitors battery
temperature during a charge cycle by measuring the
voltage between the THERM and VSS pins. An internal
50 µA current source provides the bias for most
common
10 k
Ω negative-temperature coefficient
(NTC)
or
positive-temperature
coefficient
(PTC)
thermistors.The current source is controlled, avoiding
measurement sensitivity to fluctuations in the supply
voltage (VDD). The MCP73871 device compares the
voltage at the THERM pin to factory set thresholds of
1.24V and 0.25V, typically. Once a voltage outside the
thresholds is detected during a charge cycle, the
MCP73871 device immediately suspends the charge
cycle.
The MCP73871 device suspends charge by turning off
the pass transistor and holding the timer value. The
charge cycle resumes when the voltage at the THERM
pin returns to the normal range.
If temperature monitoring is not required, place a
standard 10 k
Ω resistor from THERM to V
SS.
5.2
Digital Circuitry
5.2.1
STATUS INDICATORS AND
POWER-GOOD (PG)
The charge status outputs have two different states:
Low (L), and High Impedance (Hi-Z). The charge status
outputs can be used to illuminate LEDs. Optionally, the
charge status outputs can be used as an interface to a
host microcontroller. Table 5-1 summarizes the state of
the status outputs during a charge cycle.
TABLE 5-1:
STATUS OUTPUTS
5.2.2
AC-DC ADAPTER AND USB PORT
POWER SOURCE REGULATION
SELECT (SEL)
With the SEL input Low, the MCP73871 device is
designed to provide system power and Li-Ion battery
charging from a USB input while adhering to the current
limits governed by the USB specification. The host
microcontroller has the option selecting either a
100 mA (L) or a 500 mA (H) current limit based on the
PROG2 input. With the SEL input High, the MCP73871
device
limits
the
input
current
to
1.8A.
The
programmed charge current is established using a
single resistor from PROG1 to VSS when driving SEL
High.
I
REG
1000V
R
PROG1
--------------------
=
Where:
RPROG
=
kilo-ohms (k
Ω)
IREG
=
milliampere (mA)
CHARGE CYCLE STATE
STAT1
STAT2
PG
Shutdown (VDD = VBAT)
Hi-ZHi-ZHi-Z
Shutdown (VDD = IN)
Hi-Z
Hi-Z
L
Preconditioning
L
Hi-Z
L
Constant Current
L
Hi-Z
L
Constant Voltage
L
Hi-Z
L
Charge Complete - Standby
Hi-Z
L
L
Temperature Fault
L
L
L
Timer Fault
L
L
L
Low Battery Output
L
Hi-Z
Hi-Z
No Battery Present
Hi-Z
Hi-Z
L
No Input Power Present
Hi-Z
Hi-Z
Hi-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com