Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP73871-2CCI/ML Datasheet(PDF) 25 Page - Microchip Technology

Part # MCP73871-2CCI/ML
Description  Stand-Alone System Load Sharing and Li-Ion / Li-Polymer Battery Charge Management Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73871-2CCI/ML Datasheet(HTML) 25 Page - Microchip Technology

Back Button MCP73871-2CCI/ML Datasheet HTML 21Page - Microchip Technology MCP73871-2CCI/ML Datasheet HTML 22Page - Microchip Technology MCP73871-2CCI/ML Datasheet HTML 23Page - Microchip Technology MCP73871-2CCI/ML Datasheet HTML 24Page - Microchip Technology MCP73871-2CCI/ML Datasheet HTML 25Page - Microchip Technology MCP73871-2CCI/ML Datasheet HTML 26Page - Microchip Technology MCP73871-2CCI/ML Datasheet HTML 27Page - Microchip Technology MCP73871-2CCI/ML Datasheet HTML 28Page - Microchip Technology MCP73871-2CCI/ML Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
© 2009 Microchip Technology Inc.
DS22090B-page 25
MCP73871
6.0
APPLICATIONS
The MCP73871 device is designed to operate in
conjunction
with
a
host
microcontroller
or
in
stand-alone applications. The MCP73871 device
provides the preferred charge algorithm for Lithium-Ion
and Lithium-Polymer cells Constant-current followed
by Constant-voltage. Figure 6-1 depicts a typical
stand-alone
MCP73871
application
circuit,
while
Figures 6-2 and 6-3 depict the accompanying charge
profile.
FIGURE 6-1:
MCP73871Typical Stand-Alone Application Circuit with VPCC.
FIGURE 6-2:
Typical Charge Profile
(1000 mAh Battery).
FIGURE 6-3:
Typical Charge Profile in
Preconditioning (1000 mAh Battery).
STAT1
LBO
IN
OUT
PG
VBAT
Single-Cell
Li-Ion Battery
7
MCP73871 Device Typical Application
1, 20
8
18, 19
10 µF
10, 11, EP
5V AC-DC Adapter
or
USB Port
STAT2
THERM
VSS
PROG1
PROG3
12
13
RPROG1
6
5
14, 15, 16
470
Ω
470
Ω
470
Ω
2
4.7 µF
System
Load
SEL
TE
PROG2
Hi
Low
Hi
Low
Hi
Low
3
4
9
RPROG3
VPCC
NTC
10 k
Ω
Hi
Low
17
CE
4.7 µF
330 k
Ω
110 k
Ω
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
0
1020304050607080
Time (Minute)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
MCP73871
VDD = 5.2V
RPROG1 = 1 kΩ
RPROG3 = 25 kΩ
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
0
0.2
0.4
0.6
0.8
1
Time (Minute)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Preconditioning
Preconditioning Threshold Voltage
Fast Charge (Constant Current)
MCP73871
VDD = 5.2V
RPROG1 = 1 kΩ
RPROG3 = 25 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com