Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP73871-2CCI/ML Datasheet(PDF) 26 Page - Microchip Technology

Part # MCP73871-2CCI/ML
Description  Stand-Alone System Load Sharing and Li-Ion / Li-Polymer Battery Charge Management Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73871-2CCI/ML Datasheet(HTML) 26 Page - Microchip Technology

Back Button MCP73871-2CCI/ML Datasheet HTML 22Page - Microchip Technology MCP73871-2CCI/ML Datasheet HTML 23Page - Microchip Technology MCP73871-2CCI/ML Datasheet HTML 24Page - Microchip Technology MCP73871-2CCI/ML Datasheet HTML 25Page - Microchip Technology MCP73871-2CCI/ML Datasheet HTML 26Page - Microchip Technology MCP73871-2CCI/ML Datasheet HTML 27Page - Microchip Technology MCP73871-2CCI/ML Datasheet HTML 28Page - Microchip Technology MCP73871-2CCI/ML Datasheet HTML 29Page - Microchip Technology MCP73871-2CCI/ML Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
MCP73871
DS22090B-page 26
© 2009 Microchip Technology Inc.
6.1
Application Circuit Design
Due to the low efficiency of linear charging, the most
important factors are
thermal design and cost, which
are a direct function of the input voltage, output current
and thermal impedance between the battery charger
and the ambient cooling air. The worst-case situation is
when
the
device
has
transitioned
from
the
Preconditioning mode to the Constant Current mode. In
this situation, the battery charger has to dissipate the
maximum power. A trade-off must be made between
the charge current, cost and thermal requirements of
the charger.
6.1.1
COMPONENT SELECTION
Selection of the external components in Figure 6-1 is
crucial to the integrity and reliability of the charging
system. The following discussion is intended as a guide
for the component selection process.
6.1.1.1
Charge Current
The preferred fast charge current for Lithium-Ion cells
should always follow references and guidances from
battery manufacturers. For example, a 1000 mAh
battery pack has a preferred fast charge current of
0.7C. Charging at 700 mA provides the shortest charge
cycle times without degradation to the battery pack
performance or life.
6.1.1.2
Thermal Considerations
The worst-case power dissipation in the battery
charger occurs when the input voltage is at the
maximum and the device has transitioned from the
Preconditioning mode to the Constant-current mode. In
this case, the power dissipation is:
EQUATION 6-1:
For example, power dissipation with a 5V, ±10% input
voltage source and 500 mA, ±10% fast charge current
is:
EXAMPLE 6-1:
This power dissipation with the battery charger in the
QFN-20 package will cause thermal regulation to be
entered as depicted. Alternatively, the 4 mm x 4 mm
DFN package could be utilized to reduce heat by
adding vias on the exposed pad.
6.1.1.3
External Capacitors
The MCP73871 device is stable with or without a
battery load. In order to maintain good AC stability in
the Constant Voltage mode, a minimum capacitance of
4.7 µF is recommended to bypass the VBAT pin to VSS.
This capacitance provides compensation when there is
no
battery
load.
In
addition,
the
battery
and
interconnections appear inductive at high frequencies.
These elements are in the control feedback loop during
Constant
Voltage
mode.
Therefore,
the
bypass
capacitance may be necessary to compensate for the
inductive nature of the battery pack.
Virtually any good quality output filter capacitor can be
used,
independent
of
the
capacitor’s
minimum
Effective Series Resistance (ESR) value. The actual
value of the capacitor (and its associated ESR)
depends on the output load current. A 4.7 µF ceramic,
tantalum or aluminum electrolytic capacitor at the
output is usually sufficient to ensure stability for charge
currents up to a 1000 mA.
6.1.1.4
Reverse-Blocking Protection
The MCP73871 device provides protection from a
faulted or shorted input. Without the protection, a
faulted or shorted input would discharge the battery
pack through the body diode of the internal pass
transistor.
6.1.1.5
Temperature Monitoring
The charge temperature window can be set by placing
fixed value resistors in series-parallel with a thermistor.
The resistance values of RT1 and RT2 can be calculated
with the following equations in order to set the
temperature window of interest.
For NTC thermistors:
EQUATION 6-2:
PowerDissipation
V
DDMAX
V
PTHMIN
–
() I
REGMAX
×
=
Where:
VDDMAX = the maximum input voltage
IREGMAX = the maximum fast charge current
VPTHMIN = the minimum transition threshold
voltage
PowerDissipation
5.5V
2.7V
–
() 550mA
×
1.54W
==
24k
Ω
R
T1
R
T2
R
COLD
×
R
T2
R
+
COLD
---------------------------------
+
=
5k
Ω
R
T1
R
T2
R
HOT
×
R
T2
R
+
HOT
-----------------------------
+
=
Where:
RT1
=
the fixed series resistance
RT2
=
the fixed parallel resistance
RCOLD
=
the thermistor resistance at the
lower temperature of interest
RHOT
=
the thermistor resistance at the
upper temperature of interest



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com