Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP6V06-E/MD Datasheet(PDF) 29 Page - Microchip Technology

Part # MCP6V06-E/MD
Description  300 關A, Auto-Zeroed Op Amps
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V06-E/MD Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP6V06-E/MD Datasheet HTML 25Page - Microchip Technology MCP6V06-E/MD Datasheet HTML 26Page - Microchip Technology MCP6V06-E/MD Datasheet HTML 27Page - Microchip Technology MCP6V06-E/MD Datasheet HTML 28Page - Microchip Technology MCP6V06-E/MD Datasheet HTML 29Page - Microchip Technology MCP6V06-E/MD Datasheet HTML 30Page - Microchip Technology MCP6V06-E/MD Datasheet HTML 31Page - Microchip Technology MCP6V06-E/MD Datasheet HTML 32Page - Microchip Technology MCP6V06-E/MD Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
© 2008 Microchip Technology Inc.
DS22093B-page 29
MCP6V06/7/8
4.4
Typical Applications
4.4.1
WHEATSTONE BRIDGE
Many sensors are configured as Wheatstone bridges.
Strain gauges and pressure sensors are two common
examples. These signals can be small and the
common mode noise large. Amplifier designs with high
differential gain are desirable.
Figure 4-15 shows how to interface to a Wheatstone
bridge with a minimum of components. Because the
circuit is not symmetric, the ADC input is single ended,
and there is a minimum of filtering, the CMRR is good
enough for moderate common mode noise.
FIGURE 4-15:
Simple Design.
Figure 4-16 shows a higher performance circuit for
Wheatstone bridges. This circuit is symmetric and has
high CMRR. Using a differential input to the ADC helps
with the CMRR.
FIGURE 4-16:
High Performance Design.
4.4.2
RTD SENSOR
The ratiometric circuit in Figure 4-17 conditions a three
wire RTD. It corrects for the sensor’s wiring resistance
by subtracting the voltage across the middle RW. The
top R1 does not change the output voltage; it balances
the op amp inputs. Failure (open) of the RTD is
detected by an out-of-range voltage.
FIGURE 4-17:
RTD Sensor.
The voltages at the input of the ADC can be calculated
with the following:
VDD
RR
RR
100R
0.01C
MCP6V06
ADC
VDD
0.2R
0.2R
3k
Ω
20 k
Ω
1µF
200
Ω
20 k
Ω
1µF
ADC
VDD
½ MCP6V07
½ MCP6V07
200
Ω
200
Ω
3k
Ω
3k
Ω
1µF
RR
RR
VDD
10 nF
10 nF
200
Ω
R3
100 nF
10 nF
R2
R3
100 nF
ADC
VDD
½ MCP6V07
½ MCP6V07
2.49 k
Ω
2.49 k
Ω
10 nF
VDD
RW
RW
RW
RT
RB
RRTD
R1
R1
1µF
100
Ω
3k
Ω
3k
Ω
20 k
Ω
20 k
Ω
100 k
Ω
100 k
Ω
2.49 k
Ω
2.49 k
Ω
R2
2.55 k
Ω
2.55 k
Ω
V
DM
G
RTD VT
V
B
–
() G
WVW
+
=
V
CM
V
T
V
B
G
RTD
1G
W
–
+
()V
W
++
2
------------------------------------------------------------------------------
=
G
RTD
12 R
3 R2
⁄
⋅
+
=
G
W
G
RTD
R
3 R1
⁄
–
=
Where:
VT
=
Voltage at the top of RRTD
VB
=
Voltage at the bottom of RRTD
VW
=
Voltage across top and middle
RW’s
VCM
=
ADC’s common mode input
VDM
=
ADC’s differential mode input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com