Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP6V06-E/MD Datasheet(PDF) 40 Page - Microchip Technology

Part # MCP6V06-E/MD
Description  300 關A, Auto-Zeroed Op Amps
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V06-E/MD Datasheet(HTML) 40 Page - Microchip Technology

Back Button MCP6V06-E/MD Datasheet HTML 36Page - Microchip Technology MCP6V06-E/MD Datasheet HTML 37Page - Microchip Technology MCP6V06-E/MD Datasheet HTML 38Page - Microchip Technology MCP6V06-E/MD Datasheet HTML 39Page - Microchip Technology MCP6V06-E/MD Datasheet HTML 40Page - Microchip Technology MCP6V06-E/MD Datasheet HTML 41Page - Microchip Technology MCP6V06-E/MD Datasheet HTML 42Page - Microchip Technology MCP6V06-E/MD Datasheet HTML 43Page - Microchip Technology MCP6V06-E/MD Datasheet HTML 44Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
MCP6V06/7/8
DS22093B-page 40
© 2008 Microchip Technology Inc.
APPENDIX B: OFFSET RELATED
TEST SCREENS
Input offset voltage related specifications in the DC
spec table (Table 1-1) are based on bench measure-
ments (see Section 2.1 “DC Input Precision”). These
measurements are much more accurate because:
• More compact circuit
• Soldered parts on the PCB
• More time spent averaging (reduces noise)
• Better temperature control
- Reduced temperature gradients
- Greater accuracy
We use production screens to ensure the quality of our
outgoing products. These screens are set at wider lim-
its to eliminate any fliers; see Table B-1.
TABLE B-1:
OFFSET RELATED TEST SCREENS
Electrical Characteristics: Unless otherwise indicated, TA = 25°C, VDD = +1.8V to +5.5V, VSS = GND, VCM = VDD/3,
VOUT =VDD/2, VL =VDD/2, RL = 20 kΩ to VL, and CS = GND (refer to Figure 1-5 and Figure 1-6).
Parameters
Sym
Min
Max Units
Conditions
Input Offset
Input Offset Voltage
VOS
-10
+10
µV
TA = +25°C (Note 1, Note 2)
Input Offset Voltage Drift with Temperature
(linear Temp. Co.)
TC1
——
nV/°C TA = -40 to +125°C (Note 3)
Power Supply Rejection
PSRR
115
—
dB
(Note 1)
Common Mode
Common Mode Rejection
CMRR
106
—
dB
VDD = 1.8V, VCM = -0.2V to 2.0V (Note 1)
CMRR
116
—
dB
VDD = 5.5V, VCM = -0.2V to 5.7V (Note 1)
Open-Loop Gain
DC Open-Loop Gain (large signal)
AOL
114
—
dB
VDD = 1.8V, VOUT = 0.2V to 1.6V (Note 1)
AOL
122
—
dB
VDD = 5.5V, VOUT = 0.2V to 5.3V (Note 1)
Note 1:
Due to thermal junctions and other errors in the production environment, these specifications are only screened in
production.
2:
VOS is also sample screened at +125°C.
3:
TC1 is not measured in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com