Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP651T-E/SN Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP651T-E/SN
Description  50 MHz, 6 mA Op Amps with mCal
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP651T-E/SN Datasheet(HTML) 4 Page - Microchip Technology

  MCP651T-E/SN Datasheet HTML 1Page - Microchip Technology MCP651T-E/SN Datasheet HTML 2Page - Microchip Technology MCP651T-E/SN Datasheet HTML 3Page - Microchip Technology MCP651T-E/SN Datasheet HTML 4Page - Microchip Technology MCP651T-E/SN Datasheet HTML 5Page - Microchip Technology MCP651T-E/SN Datasheet HTML 6Page - Microchip Technology MCP651T-E/SN Datasheet HTML 7Page - Microchip Technology MCP651T-E/SN Datasheet HTML 8Page - Microchip Technology MCP651T-E/SN Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
MCP651/2/5
DS22146A-page 4
© 2009 Microchip Technology Inc.
Calibration Input
Calibration Input Voltage Range
VCALRNG
VSS +0.1
—
VDD –1.4
mV
VCAL pin externally driven
Internal Calibration Voltage
VCAL
0.31VDD
0.33VDD
0.35VDD
VCAL pin open
Input Impedance
ZCAL
—
100 || 5
—
k
Ω||pF
Power Supply
Supply Voltage
VDD
2.5
—
5.5
V
Quiescent Current per Amplifier
IQ
36
9
mA
IO = 0
POR Input Threshold, Low
VPRL
1.15
1.40
—
V
POR Input Threshold, High
VPRH
—
1.40
1.65
V
TABLE 1-2:
AC ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Unless otherwise indicated, TA = 25°C, VDD = +2.5V to +5.5V, VSS = GND, VCM = VDD/2,
VOUT ≈ VDD/2, VL = VDD/2, RL = 1 kΩ to VL, CL = 20 pF and CAL/CS =VSS (refer to Figure 1-2).
Parameters
Sym
Min
Typ
Max
Units
Conditions
AC Response
Gain Bandwidth Product
GBWP
—
50
—
MHz
Phase Margin
PM
—
65
—
°
G = +1
Open-Loop Output Impedance
ROUT
—20—
Ω
AC Distortion
Total Harmonic Distortion plus Noise
THD+N
—
0.0012
—
%
G = +1, VOUT = 4VP-P, f = 1 kHz,
VDD = 5.5V, BW = 80 kHz
Step Response
Rise Time, 10% to 90%
tr
—
6
—
ns
G = +1, VOUT = 100 mVP-P
Slew Rate
SR
—
30
—
V/µs
G = +1
Noise
Input Noise Voltage
Eni
—17—
µVP-P f = 0.1 Hz to 10 Hz
Input Noise Voltage Density
eni
—7.5
—
nV/
√Hz f = 1 MHz
Input Noise Current Density
ini
4—
fA/
√Hz f = 1 kHz
TABLE 1-1:
DC ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: Unless otherwise indicated, TA = +25°C, VDD = +2.5V to +5.5V, VSS = GND, VCM = VDD/3,
VOUT ≈ VDD/2, VL = VDD/2, RL = 1 kΩ to VL and CAL/CS =VSS (refer to Figure 1-2).
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1:
Describes the offset (under the specified conditions) right after power up, or just after the CAL/CS pin is toggled. Thus,
1/f noise effects (an apparent wander in VOS; see Figure 2-35) are not included.
2:
See Figure 2-6 and Figure 2-7 for temperature effects.
3:
The ISC specifications are for design guidance only; they are not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com