Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP651T-E/SN Datasheet(PDF) 18 Page - Microchip Technology

Part # MCP651T-E/SN
Description  50 MHz, 6 mA Op Amps with mCal
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP651T-E/SN Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP651T-E/SN Datasheet HTML 14Page - Microchip Technology MCP651T-E/SN Datasheet HTML 15Page - Microchip Technology MCP651T-E/SN Datasheet HTML 16Page - Microchip Technology MCP651T-E/SN Datasheet HTML 17Page - Microchip Technology MCP651T-E/SN Datasheet HTML 18Page - Microchip Technology MCP651T-E/SN Datasheet HTML 19Page - Microchip Technology MCP651T-E/SN Datasheet HTML 20Page - Microchip Technology MCP651T-E/SN Datasheet HTML 21Page - Microchip Technology MCP651T-E/SN Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
MCP651/2/5
DS22146A-page 18
© 2009 Microchip Technology Inc.
Note: Unless otherwise indicated, TA = +25°C, VDD = +2.5V to 5.5V, VSS = GND, VCM =VDD/3, VOUT =VDD/2,
VL =VDD/2, RL =1kΩ to VL, CL = 20 pF, and CAL/CS =VSS.
FIGURE 2-50:
Quiescent Current in
Shutdown vs. Power Supply Voltage.
FIGURE 2-51:
Output Leakage Current vs.
Output Voltage.
-7
-6
-5
-4
-3
-2
-1
0
Power Supply Voltage (V)
CAL/CS = VDD
+125°C
+85°C
+25°C
-40°C
1.E-11
1.E-10
1.E-09
1.E-08
1.E-07
1.E-06
0.00.5 1.01.5 2.02.5 3.03.5 4.04.5 5.05.5 6.0
Output Voltage (V)
+25°C
+125°C
+85°C
CAL/CS = VDD = 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com