Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP651T-E/SN Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP651T-E/SN
Description  50 MHz, 6 mA Op Amps with mCal
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP651T-E/SN Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP651T-E/SN Datasheet HTML 3Page - Microchip Technology MCP651T-E/SN Datasheet HTML 4Page - Microchip Technology MCP651T-E/SN Datasheet HTML 5Page - Microchip Technology MCP651T-E/SN Datasheet HTML 6Page - Microchip Technology MCP651T-E/SN Datasheet HTML 7Page - Microchip Technology MCP651T-E/SN Datasheet HTML 8Page - Microchip Technology MCP651T-E/SN Datasheet HTML 9Page - Microchip Technology MCP651T-E/SN Datasheet HTML 10Page - Microchip Technology MCP651T-E/SN Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
© 2009 Microchip Technology Inc.
DS22146A-page 7
MCP651/2/5
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, TA = +25°C, VDD = +2.5V to 5.5V, VSS = GND, VCM =VDD/3, VOUT =VDD/2,
VL =VDD/2, RL =1kΩ to VL, CL = 20 pF, and CAL/CS =VSS.
2.1
DC Signal Inputs
FIGURE 2-1:
Input Offset Voltage.
FIGURE 2-2:
Input Offset Voltage Drift.
FIGURE 2-3:
Input Offset Voltage
Repeatability (repeated calibration).
FIGURE 2-4:
Input Offset Voltage vs.
Power Supply Voltage.
FIGURE 2-5:
Input Offset Voltage vs.
Output Voltage.
FIGURE 2-6:
Low Input Common Mode
Voltage Headroom vs. Ambient Temperature.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0%
5%
10%
15%
20%
25%
30%
35%
-100 -80 -60 -40 -20
0
20
40
60
80 100
Input Offset Voltage (µV)
80 Samples
TA = +25°C
VDD = 2.5V and 5.5V
Calibrated at +25°C
0%
2%
4%
6%
8%
10%
12%
14%
16%
18%
20%
-10 -8
-6
-4
-2
02468
10
Input Offset Voltage Drift (µV/°C)
80 Samples
VDD = 2.5V and 5.5V
TA = -40°C to +125°C
Calibrated at +25°C
0%
5%
10%
15%
20%
25%
30%
35%
40%
45%
50%
55%
-100 -80 -60 -40 -20
0
20406080 100
Input Offset Voltage Repeatability (µV)
80 Samples
TA = +25°C
VDD = 2.5V and 5.5V
Calibration
Changed
Calibration
Changed
No Change
(includes noise)
-100
0
100
200
300
400
500
600
700
1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5
Power Supply Voltage (V)
+125°C
+85°C
+25°C
-40°C
Representative Part
Calibrated at VDD = 6.5V
-50
-40
-30
-20
-10
0
10
20
30
40
50
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
Output Voltage (V)
VDD = 2.5V
VDD = 5.5V
Representative Part
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
VDD = 2.5V
1 Lot
Low (VCMR_L – VSS)
VDD = 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com