Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP4152T-103E/MF Datasheet(PDF) 26 Page - Microchip Technology

Part # MCP4152T-103E/MF
Description  7/8-Bit Single/Dual SPI Digital POT with Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4152T-103E/MF Datasheet(HTML) 26 Page - Microchip Technology

Back Button MCP4152T-103E/MF Datasheet HTML 22Page - Microchip Technology MCP4152T-103E/MF Datasheet HTML 23Page - Microchip Technology MCP4152T-103E/MF Datasheet HTML 24Page - Microchip Technology MCP4152T-103E/MF Datasheet HTML 25Page - Microchip Technology MCP4152T-103E/MF Datasheet HTML 26Page - Microchip Technology MCP4152T-103E/MF Datasheet HTML 27Page - Microchip Technology MCP4152T-103E/MF Datasheet HTML 28Page - Microchip Technology MCP4152T-103E/MF Datasheet HTML 29Page - Microchip Technology MCP4152T-103E/MF Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 88 page
background image
MCP413X/415X/423X/425X
DS22060B-page 26
© 2008 Microchip Technology Inc.
Note: Unless otherwise indicated, TA = +25°C, VDD = 5V, VSS = 0V.
FIGURE 2-48:
100 k
Ω – Nominal
Resistance (
Ω) vs. Ambient Temperature and
VDD.
FIGURE 2-49:
100 k
Ω – R
WB (Ω) vs. Wiper
Setting and Ambient Temperature.
98500
99000
99500
100000
100500
101000
101500
102000
102500
103000
103500
-40
0
40
80
120
Ambient Temperature (°C)
2.7V
5.5V
1.8V
0
20000
40000
60000
80000
100000
120000
0
32
64
96
128 160 192 224
256
Wiper Setting (decimal)
-40°C
25°C
85°C
125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com