Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP4152T-103E/MF Datasheet(PDF) 48 Page - Microchip Technology

Part # MCP4152T-103E/MF
Description  7/8-Bit Single/Dual SPI Digital POT with Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4152T-103E/MF Datasheet(HTML) 48 Page - Microchip Technology

Back Button MCP4152T-103E/MF Datasheet HTML 44Page - Microchip Technology MCP4152T-103E/MF Datasheet HTML 45Page - Microchip Technology MCP4152T-103E/MF Datasheet HTML 46Page - Microchip Technology MCP4152T-103E/MF Datasheet HTML 47Page - Microchip Technology MCP4152T-103E/MF Datasheet HTML 48Page - Microchip Technology MCP4152T-103E/MF Datasheet HTML 49Page - Microchip Technology MCP4152T-103E/MF Datasheet HTML 50Page - Microchip Technology MCP4152T-103E/MF Datasheet HTML 51Page - Microchip Technology MCP4152T-103E/MF Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 88 page
background image
MCP413X/415X/423X/425X
DS22060B-page 48
© 2008 Microchip Technology Inc.
TABLE 7-2:
MEMORY MAP AND THE SUPPORTED COMMANDS
Address
Command
Data
(10-bits) (1)
SPI String (Binary)
Value
Function
MOSI (SDI pin)
MISO (SDO pin) (2)
00h
Volatile Wiper 0
Write Data
nn nnnn nnnn
0000 00nn nnnn nnnn
1111 1111 1111 1111
Read Data
nn nnnn nnnn
0000 11nn nnnn nnnn
1111 111n nnnn nnnn
Increment Wiper
—
0000 0100
1111 1111
Decrement Wiper
—
0000 1000
1111 1111
01h
Volatile Wiper 1
Write Data
nn nnnn nnnn
0001 00nn nnnn nnnn
1111 1111 1111 1111
Read Data
nn nnnn nnnn
0001 11nn nnnn nnnn
1111 111n nnnn nnnn
Increment Wiper
—
0001 0100
1111 1111
Decrement Wiper
—
0001 1000
1111 1111
02h
Reserved
—
—
—
—
03h
Reserved
—
—
—
—
04h
Volatile
TCON Register
Write Data
nn nnnn nnnn
0100 00nn nnnn nnnn
1111 1111 1111 1111
Read Data
nn nnnn nnnn
0100 11nn nnnn nnnn
1111 111n nnnn nnnn
05h
Status Register
Read Data
nn nnnn nnnn
0101 11nn nnnn nnnn
1111 111n nnnn nnnn
06h-0Fh Reserved
—
—
—
—
Note 1: The Data Memory is only 9-bits wide, so the MSb is ignored by the device.
2: All these Address/Command combinations are valid, so the CMDERR bit is set. Any other Address/Command
combination is a command error state and the CMDERR bit will be clear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com