Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP4152T-103E/MF Datasheet(PDF) 55 Page - Microchip Technology

Part # MCP4152T-103E/MF
Description  7/8-Bit Single/Dual SPI Digital POT with Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4152T-103E/MF Datasheet(HTML) 55 Page - Microchip Technology

Back Button MCP4152T-103E/MF Datasheet HTML 51Page - Microchip Technology MCP4152T-103E/MF Datasheet HTML 52Page - Microchip Technology MCP4152T-103E/MF Datasheet HTML 53Page - Microchip Technology MCP4152T-103E/MF Datasheet HTML 54Page - Microchip Technology MCP4152T-103E/MF Datasheet HTML 55Page - Microchip Technology MCP4152T-103E/MF Datasheet HTML 56Page - Microchip Technology MCP4152T-103E/MF Datasheet HTML 57Page - Microchip Technology MCP4152T-103E/MF Datasheet HTML 58Page - Microchip Technology MCP4152T-103E/MF Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 88 page
background image
© 2008 Microchip Technology Inc.
DS22060B-page 55
MCP413X/415X/423X/425X
7.7
Increment Wiper
Normal and High Voltage
The Increment Command is an 8-bit command. The
Increment Command can only be issued to wiper
memory locations. The format of the command is
shown in Figure 7-6.
An Increment Command to the wiper memory location
changes that location after a properly formatted
command (8-clocks) have been received.
Increment commands provide a quick and easy
method to modify the value of the wiper location by +1
with minimal overhead.
FIGURE 7-6:
Increment Command -
SDI and SDO States.
7.7.1
SINGLE INCREMENT
Typically, the CS pin starts at the inactive state (VIH),
but may be already be in the active state due to the
completion of another command.
Figure 6-7
through
Figure 6-8
show
possible
waveforms for a single increment. The increment
operation requires that the CS pin be in the active state
(VILor VIHH). Typically, the CS pin will be in the inactive
state (VIH) and is driven to the active state (VILor VIHH).
The 8-bit Increment Command (Command Byte) is
then clocked in on the SDI pin by the SCK pins. The
SDO pin drives the CMDERR bit on the 7th clock.
The wiper value will increment up to 100h on 8-bit
devices and 80h on 7-bit devices. After the wiper value
has reached Full-Scale (8-bit =100h, 7-bit =80h), the
wiper value will not be incremented further. If the Wiper
register has a value between 101h and 1FFh, the
Increment command is disabled. See Table 7-4 for
additional information on the Increment Command
versus the current volatile wiper value.
The Increment operations only require the Increment
command byte while the CS pin is active (VILor VIHH)
for a single increment.
After the wiper is incremented to the desired position,
the CS pin should be forced to VIH to ensure that
unexpected transitions on the SCK pin do not cause
the wiper setting to change. Driving the CS pin to VIH
should occur as soon as possible (within device
specifications) after the last desired increment occurs.
TABLE 7-4:
INCREMENT OPERATION VS.
VOLATILE WIPER VALUE
Note:
The High Voltage Increment Wiper
command is supported for compatability
with system that also support MCP414X/
416X/424X/426X devices.
A
D
3
A
D
2
A
D
1
A
D
0
01
X X
111111 1* 1 Note 1, 2
111111
0
0 Note 1, 3
(INCR COMMAND (n+1) )
SDI
SDO
COMMAND BYTE
Note 1: Only functions when writing the volatile
wiper registers (AD3:AD0) 0h and 1h.
2: Valid Address/Command combination.
3: Invalid Address/Command combination
all following SDO bits will be low until the
CMDERR condition is cleared.
(the CS pin is forced to the inactive
state).
4: If a Command Error (CMDERR) occurs
at this bit location (*), then all following
SDO bits will be driven low until the CS
pin is driven inactive (VIH).
Current Wiper
Setting
Wiper (W)
Properties
Increment
Command
Operates?
7-bit
Pot
8-bit
Pot
3FFh
081h
3FFh
101h
Reserved
(Full-Scale (W = A))
No
080h
100h
Full-Scale (W = A)
No
07Fh
041h
0FFh
081
W = N
040h
080h
W = N (Mid-Scale)
Yes
03Fh
001h
07Fh
001
W = N
000h
000h
Zero Scale (W = B)
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com