Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3901A2T-I/SS Datasheet(PDF) 25 Page - Microchip Technology

Part # MCP3901A2T-I/SS
Description  Two Channel Analog Front End
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3901A2T-I/SS Datasheet(HTML) 25 Page - Microchip Technology

Back Button MCP3901A2T-I/SS Datasheet HTML 21Page - Microchip Technology MCP3901A2T-I/SS Datasheet HTML 22Page - Microchip Technology MCP3901A2T-I/SS Datasheet HTML 23Page - Microchip Technology MCP3901A2T-I/SS Datasheet HTML 24Page - Microchip Technology MCP3901A2T-I/SS Datasheet HTML 25Page - Microchip Technology MCP3901A2T-I/SS Datasheet HTML 26Page - Microchip Technology MCP3901A2T-I/SS Datasheet HTML 27Page - Microchip Technology MCP3901A2T-I/SS Datasheet HTML 28Page - Microchip Technology MCP3901A2T-I/SS Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 60 page
background image
© 2009 Microchip Technology Inc.
DS22192A-page 25
MCP3901
5.0
DEVICE OVERVIEW
5.1
Analog Inputs (CHn+/-)
The MCP3901 analog inputs can be connected directly
to current and voltage transducers (such as shunts,
current transformers, or Rogowski coils). Each input
pin is protected by specialized ESD structures that are
certified to pass 7 kV HBM and 400V MM contact
charge. These structures allow bipolar ±6V continuous
voltage with respect to AGND, to be present at their
inputs without the risk of permanent damage.
Both channels have fully differential voltage inputs for
better noise performance. The absolute voltage at each
pin relative to AGND should be maintained in the ±1V
range during operation in order to ensure the specified
ADC accuracy. The common-mode signals should be
adapted to respect both the previous conditions and
the differential input voltage range. For best perfor-
mance, the common-mode signals should be main-
tained to AGND.
5.2
Programmable Gain Amplifiers
(PGA)
The two Programmable Gain Amplifiers (PGAs) reside
at the front-end of each Delta-Sigma ADC. They have
two functions : translate the common-mode of the input
from AGND to an internal level between AGND and
AVDD , and amplify the input differential signal. The
translation of the common mode does not change the
differential signal but recenters the common-mode so
that the input signal can be properly amplified.
The PGA block can be used to amplify very low signals,
but the differential input range of the delta-sigma
modulator must not be exceeded. The PGA is
controlled by the
PGA_CHn<2:0> bits in the GAIN
register. The following table represents the gain
settings for the PGA:
5.3
Delta-Sigma Modulator
5.3.1
ARCHITECTURE
Both ADCs are identical in the MCP3901 and they
include a second-order modulator with a multi-bit DAC
architecture (see Figure 5-1). The quantizer is a flash
ADC composed of 4 comparators with equally spaced
thresholds and a thermometer output coding. The
proprietary 5-level architecture ensures minimum
quantization noise at the outputs of the modulators
without disturbing linearity or inducing additional
distortion. The sampling frequency is DMCLK (typically
1 MHz with MCLK=4 MHz) so the modulator outputs
are refreshed at a DMCLK rate. The modulator outputs
are available in the MOD register or serially transferred
on each MDAT pin.
Both modulators also include a dithering algorithm that
can be enabled through the DITHER<1:0> bits in the
configuration register. This dithering process improves
THD and SFDR (for high OSR settings) while
increasing slightly the noise floor of the ADCs. For
power metering applications and applications that are
distortion-sensitive,
it
is
recommended
to
keep
DITHER enabled for both ADCs. In the case of power
metering applications, THD and SFDR are critical
specifications to optimize SNR (noise floor) is not really
problematic due to large averaging factor at the output
of the ADCs, therefore even for low OSR settings, the
dithering algorithm will show a positive impact on the
performance of the application.
Figure 5-1 represents a simplified block diagram of the
Delta-Sigma ADC present on MCP3901.
FIGURE 5-1:
Simplified Delta-Sigma ADC
Block Diagram.
TABLE 5-1:
PGA CONFIGURATION
SETTING
Gain
PGA_CHn<2:0>
Gain
(V/V)
Gain
(dB)
vIN Range
(V)
00
0
1
0
±0.5
0
0
1
2
6
±0.25
0
1
0
4
12
±0.125
0
1
1
8
18
±0.0625
1
0
0
16
24
±0.03125
1
0
1
32
30
±0.015625
Second-
Order
Integrator
Loop
Filter
Quantizer
DAC
Differential
Voltage Input
Output
Bitstream
5-level
Flash ADC
MCP3901 Sigma-Delta Modulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com