Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3901A2T-I/SS Datasheet(PDF) 29 Page - Microchip Technology

Part # MCP3901A2T-I/SS
Description  Two Channel Analog Front End
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3901A2T-I/SS Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP3901A2T-I/SS Datasheet HTML 25Page - Microchip Technology MCP3901A2T-I/SS Datasheet HTML 26Page - Microchip Technology MCP3901A2T-I/SS Datasheet HTML 27Page - Microchip Technology MCP3901A2T-I/SS Datasheet HTML 28Page - Microchip Technology MCP3901A2T-I/SS Datasheet HTML 29Page - Microchip Technology MCP3901A2T-I/SS Datasheet HTML 30Page - Microchip Technology MCP3901A2T-I/SS Datasheet HTML 31Page - Microchip Technology MCP3901A2T-I/SS Datasheet HTML 32Page - Microchip Technology MCP3901A2T-I/SS Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 60 page
background image
© 2009 Microchip Technology Inc.
DS22192A-page 29
MCP3901
5.7
Voltage Reference
5.7.1
INTERNAL VOLTAGE REFERENCE
The MCP3901 contains an internal voltage reference
source specially designed to minimize drift over
temperature. In order to enable the internal voltage
reference, the VREFEXT bit in the configuration
register must be set to 0 (default mode). This internal
VREF supplies reference voltage to both channels. The
typical value of this voltage reference is 2.37V ±2%.
The internal reference has a very low typical
temperature coefficient of ±12 ppm/°C, allowing the
output codes to have minimal variation with respect to
temperature since they are proportional to (1/VREF).
The noise of the internal voltage reference is low
enough not to significantly degrade the SNR of the
ADC if compared to a precision external low-noise
voltage reference.
The output pin for the internal voltage reference is
REFIN+/OUT.
When the internal voltage reference is enabled,
REFIN- pin should always be connected to AGND.
For
optimal
ADC
accuracy,
appropriate
bypass
capacitors should be placed between REFIN+/OUT
and AGND. De-coupling at the sampling frequency,
around 1 MHz, is important for any noise around this
frequency will be aliased back into the conversion data.
0.1 µF ceramic and 10 µF tantalum capacitors are
recommended.
These bypass capacitors are not mandatory for correct
ADC operation, but removing these capacitors may
degrade accuracy of the ADC. The bypass capacitors
also help for applications where the voltage reference
output is connected to other circuits. In this case,
additional buffering may be needed as the output drive
capability of this output is low.
5.7.2
DIFFERENTIAL EXTERNAL
VOLTAGE INPUTS
When the VREFEXT bit is high, the two reference pins
(REFIN+/OUT, REFIN-) become a differential voltage
reference input. The voltage at the REFIN+/OUT is
noted VREF+ and the voltage at the REFIN- pin is noted
VREF-. The differential voltage input value is given by
the following equation:
VREF=VREF+ - VREF-
The specified VREF range is from 2.2V to 2.6V. The
REFIN- pin voltage (VREF-) should be limited to +/-0.3V.
Typically, for single-ended reference applications, the
REFIN- pin should be directly connected to AGND.
TABLE 5-6:
OSR = 64 OUTPUT CODE EXAMPLES
ADC Output code (MSB First)
Hexadecimal
Decimal
20-bit resolution
0111
1111
1111
1 111
11 11
0 0 0 0
0x7FFFF0
+ 524, 287
0111
1111
1111
1 111
11 10
0 0 0 0
0x7FFFE0
+ 524, 286
0000
0000
0000
0 000
00 00
0 0 0 0
0x000000
0
1111
1111
1111
1 111
11 11
0 0 0 0
0xFFFFF0
-1
1000
0000
0000
0 000
00 01
0 0 0 0
0x800010
- 524,287
1000
0000
0000
0 000
00 00
0 0 0 0
0x800000
- 524, 288
TABLE 5-7:
OSR = 32 OUTPUT CODE EXAMPLES
ADC Output code (MSB First)
Hexadecimal
Decimal
17-bit resolution
0111
1111
11 11
1111
1 0 0 0
0 0 0 0
0x7FFF80
+ 65, 535
0111
1111
11 11
1111
0 0 0 0
0 0 0 0
0x7FFF00
+ 65, 534
0000
0000
00 00
0000
0 0 0 0
0 0 0 0
0x000000
0
1111
1111
11 11
1111
1 0 0 0
0 0 0 0
0xFFFF80
-1
1000
0000
00 00
0000
1 0 0 0
0 0 0 0
0x800080
- 65,535
1000
0000
00 00
0000
0 0 0 0
0 0 0 0
0x800000
- 65, 536



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com