Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP3901A2T-I/SS Datasheet(PDF) 34 Page - Microchip Technology

Part # MCP3901A2T-I/SS
Description  Two Channel Analog Front End
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3901A2T-I/SS Datasheet(HTML) 34 Page - Microchip Technology

Back Button MCP3901A2T-I/SS Datasheet HTML 30Page - Microchip Technology MCP3901A2T-I/SS Datasheet HTML 31Page - Microchip Technology MCP3901A2T-I/SS Datasheet HTML 32Page - Microchip Technology MCP3901A2T-I/SS Datasheet HTML 33Page - Microchip Technology MCP3901A2T-I/SS Datasheet HTML 34Page - Microchip Technology MCP3901A2T-I/SS Datasheet HTML 35Page - Microchip Technology MCP3901A2T-I/SS Datasheet HTML 36Page - Microchip Technology MCP3901A2T-I/SS Datasheet HTML 37Page - Microchip Technology MCP3901A2T-I/SS Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 60 page
background image
MCP3901
DS22192A-page 34
© 2009 Microchip Technology Inc.
:
FIGURE 6-2:
Device Read (SPI Mode 1,1 - Clock Idles High).
FIGURE 6-3:
Device Write (SPI Mode 1,1 - Clock Idles High).
6.6
SPI MODE 0,0 - Clock Idle Low,
Read/Write Examples
In this SPI mode, the clock idles low. For the MCP3901
this means that there will be a rising edge before there
is a falling edge.
FIGURE 6-4:
Device Read (SPI Mode 0,0 - Clock Idles Low).
SCK
SDI
SDO
CS
A6 A5
A4 A3 A2 A1 A0
D6 D5
D4 D3 D2 D1
D0
(ADDRESS) DATA
(ADDRESS + 1) DATA
D6 D5
D4 D3 D2 D1
Data Transitions on
the Falling Edge
MCU and MCP3901 Latch
Bits on the Rising Edge
D0
HI-Z
HI-Z
D7
D7
R/W
HI-Z
SCK
SDI
SDO
CS
R/W
A6 A5
A4 A3 A2 A1
A0
D7
D6
D5 D4 D3 D2
D1
(ADDRESS) DATA
(ADDRESS + 1) DATA
D6 D5
D4 D3 D2
D1
D0
Data Transitions on
the Falling Edge
MCU and MCP3901 Latch
Bits on the Rising Edge
D0
HI-Z
HI-Z
D7
HI-Z
SCK
SDI
SDO
CS
R/W
A6 A5
A4 A3 A2 A1 A0
D7
D6 D5
D4 D3 D2 D1
D0
(ADDRESS) DATA
(ADDRESS + 1) DATA
D7
D6 D5
D4 D3 D2 D1
Data Transitions on
the Falling Edge
MCU and MCP3901 Latch
Bits on the Rising Edge
D0
D7 OF (ADDRESS + 2) DATA
HI-Z
HI-Z
HI-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com