Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F8722-E/PTSQTP Datasheet(PDF) 63 Page - Microchip Technology

Part # PIC18F8722-E/PTSQTP
Description  64/80-Pin, 1-Mbit, Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  446 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F8722-E/PTSQTP Datasheet(HTML) 63 Page - Microchip Technology

Back Button PIC18F8722-E/PTSQTP Datasheet HTML 59Page - Microchip Technology PIC18F8722-E/PTSQTP Datasheet HTML 60Page - Microchip Technology PIC18F8722-E/PTSQTP Datasheet HTML 61Page - Microchip Technology PIC18F8722-E/PTSQTP Datasheet HTML 62Page - Microchip Technology PIC18F8722-E/PTSQTP Datasheet HTML 63Page - Microchip Technology PIC18F8722-E/PTSQTP Datasheet HTML 64Page - Microchip Technology PIC18F8722-E/PTSQTP Datasheet HTML 65Page - Microchip Technology PIC18F8722-E/PTSQTP Datasheet HTML 66Page - Microchip Technology PIC18F8722-E/PTSQTP Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 446 page
background image
© 2008 Microchip Technology Inc.
DS39646C-page 61
PIC18F8722 FAMILY
PORTA(5)
6X27
6X22
8X27
8X22
xx0x 0000
(5)
uu0u 0000
(5)
uuuu uuuu
(5)
SPBRGH1
6X27
6X22
8X27
8X22
0000 0000
0000 0000
uuuu uuuu
BAUDCON1
6X27
6X22
8X27
8X22
01-0 0-00
01-0 0-00
uu-u u-uu
SPBRGH2
6X27
6X22
8X27
8X22
0000 0000
0000 0000
uuuu uuuu
BAUDCON2
6X27
6X22
8X27
8X22
01-0 0-00
01-0 0-00
uu-u u-uu
ECCP1DEL
6X27
6X22
8X27
8X22
0000 0000
0000 0000
uuuu uuuu
TMR4
6X27
6X22
8X27
8X22
0000 0000
0000 0000
uuuu uuuu
PR4
6X27
6X22
8X27
8X22
1111 1111
uuuu uuuu
uuuu uuuu
T4CON
6X27
6X22
8X27
8X22
-000 0000
-000 0000
-uuu uuuu
CCPR4H
6X27
6X22
8X27
8X22
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCPR4L
6X27
6X22
8X27
8X22
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCP4CON
6X27
6X22
8X27
8X22
--00 0000
--00 0000
--uu uuuu
CCPR5H
6X27
6X22
8X27
8X22
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCPR5L
6X27
6X22
8X27
8X22
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCP5CON
6X27
6X22
8X27
8X22
--00 0000
--00 0000
--uu uuuu
SPBRG2
6X27
6X22
8X27
8X22
0000 0000
0000 0000
uuuu uuuu
RCREG2
6X27
6X22
8X27
8X22
0000 0000
0000 0000
uuuu uuuu
TXREG2
6X27
6X22
8X27
8X22
0000 0000
0000 0000
uuuu uuuu
TXSTA2
6X27
6X22
8X27
8X22
0000 0010
0000 0010
uuuu uuuu
RCSTA2
6X27
6X22
8X27
8X22
0000 000x
0000 000x
uuuu uuuu
ECCP3AS
6X27
6X22
8X27
8X22
0000 0000
0000 0000
uuuu uuuu
ECCP3DEL
6X27
6X22
8X27
8X22
0000 0000
0000 0000
uuuu uuuu
ECCP2AS
6X27
6X22
8X27
8X22
0000 0000
0000 0000
uuuu uuuu
ECCP2DEL
6X27
6X22
8X27
8X22
0000 0000
0000 0000
uuuu uuuu
SSP2BUF
6X27
6X22
8X27
8X22
xxxx xxxx
uuuu uuuu
uuuu uuuu
SSP2ADD
6X27
6X22
8X27
8X22
0000 0000
0000 0000
uuuu uuuu
SSP2STAT
6X27
6X22
8X27
8X22
0000 0000
0000 0000
uuuu uuuu
SSP2CON1
6X27
6X22
8X27
8X22
0000 0000
0000 0000
uuuu uuuu
SSP2CON2
6X27
6X22
8X27
8X22
0000 0000
0000 0000
uuuu uuuu
TABLE 4-4:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable Devices
Power-on Reset,
Brown-out Reset
MCLR Resets,
WDT Reset,
RESET
Instruction,
Stack Resets
Wake-up via WDT
or Interrupt
Legend:
u
= unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
Note
1:
One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt vector
(0008h or 0018h).
3:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are updated with
the current value of the PC. The STKPTR is modified to point to the next location in the hardware stack.
4:
See Table 4-3 for Reset value for specific condition.
5:
Bits 6 and 7 of PORTA, LATA and TRISA are enabled, depending on the oscillator mode selected. When not enabled
as PORTA pins, they are disabled and read ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com