Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F44J10-I/ML Datasheet(PDF) 244 Page - Microchip Technology

Part # PIC18F44J10-I/ML
Description  28/40/44-Pin High-Performance, RISC Microcontrollers
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10-I/ML Datasheet(HTML) 244 Page - Microchip Technology

Back Button PIC18F44J10-I/ML Datasheet HTML 240Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 241Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 242Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 243Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 244Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 245Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 246Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 247Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 248Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 368 page
background image
PIC18F45J10 FAMILY
DS39682E-page 242
© 2009 Microchip Technology Inc.
21.2
Watchdog Timer (WDT)
For PIC18F45J10 family devices, the WDT is driven by
the INTRC oscillator. When the WDT is enabled, the
clock source is also enabled. The nominal WDT period
is 4 ms and has the same stability as the INTRC
oscillator.
The 4 ms period of the WDT is multiplied by a 16-bit
postscaler. Any output of the WDT postscaler is selected
by a multiplexor, controlled by the WDTPS bits in Config-
uration Register 2H. Available periods range from about
4 ms to 135 seconds (2.25 minutes) depending on volt-
age, temperature and Watchdog postscaler. The WDT
and postscaler are cleared whenever a SLEEP or
CLRWDT
instruction is executed, or a clock failure
(primary or Timer1 oscillator) has occurred.
21.2.1
CONTROL REGISTER
The WDTCON register (Register 21-9) is a readable
and writable register. The SWDTEN bit enables or
disables WDT operation.
FIGURE 21-1:
WDT BLOCK DIAGRAM
TABLE 21-2:
SUMMARY OF WATCHDOG TIMER REGISTERS
Note 1:
The CLRWDT and SLEEP instructions
clear the WDT and postscaler counts
when executed.
2:
When a CLRWDT instruction is executed,
the postscaler count will be cleared.
REGISTER 21-9:
WDTCON: WATCHDOG TIMER CONTROL REGISTER
u-0
U-0
U-0
U-0
U-0
U-0
U-0
R/W-0
—
—
—
—
—
—
—SWDTEN(1)
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-1
Unimplemented
: Read as ‘0’
bit 0
SWDTEN:
Software Controlled Watchdog Timer Enable bit(1)
1
= Watchdog Timer is on
0
= Watchdog Timer is off
Note 1:
This bit has no effect if the Configuration bit, WDTEN, is enabled.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset Values
on page
RCON
IPEN
—
CM
RI
TO
PD
POR
BOR
48
WDTCON
—
—
—
—
—
—
—SWDTEN
48
Legend:
— = unimplemented, read as ‘0’. Shaded cells are not used by the Watchdog Timer.
INTRC Oscillator
WDT
Wake-up from
Reset
WDT
WDT Counter
Programmable Postscaler
1:1 to 1:32,768
Enable WDT
WDTPS<3:0>
SWDTEN
CLRWDT
4
Power-Managed
Reset
All Device Resets
Sleep
INTRC Control
÷128
Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com