Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F44J10-I/ML Datasheet(PDF) 245 Page - Microchip Technology

Part # PIC18F44J10-I/ML
Description  28/40/44-Pin High-Performance, RISC Microcontrollers
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10-I/ML Datasheet(HTML) 245 Page - Microchip Technology

Back Button PIC18F44J10-I/ML Datasheet HTML 241Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 242Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 243Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 244Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 245Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 246Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 247Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 248Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 249Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 368 page
background image
© 2009 Microchip Technology Inc.
DS39682E-page 243
PIC18F45J10 FAMILY
21.3
On-Chip Voltage Regulator
In parts designated “LF”, the microcontroller core is
powered from an external source that is separate from
VDD. This voltage is supplied on the VDDCORE pin.
In “F” devices, a low-ESR capacitor must be connected
to the VDDCORE/VCAP pin for proper device operation.
In parts designated with an “LF” part number (i.e.,
PIC18LF45J10), power to the core must be supplied on
VDDCORE/VCAP. It is always good design practice to
have sufficient capacitance on all supply pins.
Examples are shown in Figure 21-2.
The specifications for core voltage and capacitance
are listed inTable 24-4 of Section 24.0 “Electrical
Characteristics”
.
FIGURE 21-2:
CONNECTIONS FOR THE
ON-CHIP REGULATOR
21.3.1
ON-CHIP REGULATOR AND BOR
When the on-chip regulator is enabled, PIC18F45J10
family devices also have a simple brown-out capability.
If the voltage supplied to the regulator is inadequate to
maintain a regulated level, the regulator Reset circuitry
will generate a BOR Reset. This event is captured by
the BOR flag bit (RCON<0>).
The operation of the BOR is described in more detail in
Section 5.4
“Brown-out
Reset
(BOR)
(PIC18F2XJ10/4XJ10
Devices
Only)”
and
Section 5.4.1 “Detecting BOR”
. The brown-out voltage
levels are specific in Section 23.1 “DC Characteristics:
Supply Voltage”
.
21.3.2
POWER-UP REQUIREMENTS
The on-chip regulator is designed to meet the power-up
requirements for the device. While powering up,
VDDCORE must never exceed VDD by 0.3 volts.
Note:
The on-chip voltage regulator is only
available in parts designated with an “F”,
such as PIC18F45J10.
Note:
In parts designated with an “LF”, such as
PIC18LF45J10, VDDCORE must never
exceed VDD.
VDD
VDDCORE/VCAP
VSS
PIC18LFXXJ10
3.3V
2.5V
VDD
VDDCORE/VCAP
VSS
PIC18FXXJ10
CEFC
3.3V
PIC18FXXJ10 Devices (Regulator Enabled):
OR
VDD
VDDCORE/VCAP
VSS
PIC18LFXXJ10
2.5V
PIC18LFXXJ10 Devices (Regulator Disabled):



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com