Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F44J10-I/ML Datasheet(PDF) 315 Page - Microchip Technology

Part # PIC18F44J10-I/ML
Description  28/40/44-Pin High-Performance, RISC Microcontrollers
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10-I/ML Datasheet(HTML) 315 Page - Microchip Technology

Back Button PIC18F44J10-I/ML Datasheet HTML 311Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 312Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 313Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 314Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 315Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 316Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 317Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 318Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 319Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 315 / 368 page
background image
© 2009 Microchip Technology Inc.
DS39682E-page 313
PIC18F45J10 FAMILY
24.3
DC Characteristics: PIC18F45J10 Family (Industrial)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature -40°C
≤ TA ≤ +85°C for industrial
Param
No.
Symbol
Characteristic
Min
Max
Units
Conditions
VIL
Input Low Voltage
All I/O Ports:
D030
with TTL Buffer
VSS
0.15 VDD
VVDD < 3.3V
D030A
—
0.8
V
3.3V
≤ VDD ≤ 3.6V
D031
with Schmitt Trigger Buffer
VSS
0.2 VDD
V
D032
MCLR
VSS
0.2 VDD
V
D033
OSC1
VSS
0.3 VDD
V
HS, HSPLL modes
D033A
D034
OSC1
T1CKI
VSS
VSS
0.2 VDD
0.3
V
V
EC, ECPLL modes(1)
VIH
Input High Voltage
I/O Ports with non 5.5V
Tolerance:(4)
D040
with TTL Buffer
0.25 VDD + 0.8V
VDD
VVDD < 3.3V
D040A
2.0
VDD
V3.3V
≤ VDD ≤ 3.6V
D041
with Schmitt Trigger Buffer
0.8 VDD
VDD
V
I/O Ports with 5.5V
Tolerance:(4)
Dxxx
with TTL Buffer
0.25 VDD + 0.8V
5.5
V
VDD < 3.3V
DxxxA
2.0
5.5
V
3.3V
≤ VDD ≤ 3.6V
Dxxx
with Schmitt Trigger Buffer
0.8 VDD
5.5
V
D042
MCLR
0.8 VDD
VDD
V
D043
OSC1
0.7 VDD
VDD
V
HS, HSPLL modes
D043A
D044
OSC1
T1CKI
0.8 VDD
1.6
VDD
VDD
V
V
EC, ECPLL modes
IIL
Input Leakage Current(2,3)
D060
I/O Ports with non 5.5V
Tolerance(4)
—
±0.2
μAVSS ≤ VPIN ≤ VDD,
Pin at high-impedance
D060A
I/O Ports with 5.5V
Tolerance(4)
—
±0.2
μAVSS ≤ VPIN ≤ 5.5V,
Pin at high-impedance
D061
MCLR
—
±0.2
μAVss ≤ VPIN ≤ VDD
D063
OSC1
—
±0.2
μAVss ≤ VPIN ≤ VDD
IPU
Weak Pull-up Current
D070
IPURB
PORTB Weak Pull-up Current
30
240
μAVDD = 3.3V, VPIN = VSS
Note 1:
In RC oscillator configuration, the OSC1/CLKI pin is a Schmitt Trigger input. It is not recommended that the
PIC® device be driven with an external clock while in RC mode.
2:
The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified
levels represent normal operating conditions. Higher leakage current may be measured at different input
voltages.
3:
Negative current is defined as current sourced by the pin.
4:
Refer to Table 10-2 for the pins that have corresponding tolerance limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com