Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F44J10-I/ML Datasheet(PDF) 316 Page - Microchip Technology

Part # PIC18F44J10-I/ML
Description  28/40/44-Pin High-Performance, RISC Microcontrollers
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10-I/ML Datasheet(HTML) 316 Page - Microchip Technology

Back Button PIC18F44J10-I/ML Datasheet HTML 312Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 313Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 314Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 315Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 316Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 317Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 318Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 319Page - Microchip Technology PIC18F44J10-I/ML Datasheet HTML 320Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 316 / 368 page
background image
PIC18F45J10 FAMILY
DS39682E-page 314
© 2009 Microchip Technology Inc.
VOL
Output Low Voltage
D080
I/O Ports (PORTB, PORTC)
—
0.4
V
IOL = 8.5 mA, VDD 3.3V
-40°C to +85°C
I/O Ports (PORTA, PORTD,
PORTE)
—0.4
V
IOL = 3.4 mA, VDD 3.3V
-40°C to +85°C
D083
OSC2/CLKO
(EC mode)
—0.4
V
IOL = 1.6 mA, VDD 3.3V
-40°C to +85°C
VOH
Output High Voltage(3)
D090
I/O Ports (PORTB, PORTC)
2.4
—
V
IOH = -6 mA, VDD 3.3V
-40°C to +85°C
I/O Ports (PORTA, PORTD,
PORTE)
2.4
—
V
IOH = -2 mA, VDD 3.3V
-40°C to +85°C
D092
OSC2/CLKO
(EC mode)
2.4
—
V
IOH = 1.0 mA, VDD 3.3V
-40°C to +85°C
Capacitive Loading Specs
on Output Pins
D100(4) COSC2 OSC2 Pin
—
15
pF
In HS mode when
external clock is used to drive
OSC1
D101
CIO
All I/O Pins
—
50
pF
To meet the AC Timing
Specifications
D102
CB
SCLx, SDAx
—
400
pF
I2C™ Specification
24.3
DC Characteristics: PIC18F45J10 Family (Industrial) (Continued)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature -40°C
≤ TA ≤ +85°C for industrial
Param
No.
Symbol
Characteristic
Min
Max
Units
Conditions
Note 1:
In RC oscillator configuration, the OSC1/CLKI pin is a Schmitt Trigger input. It is not recommended that the
PIC® device be driven with an external clock while in RC mode.
2:
The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified
levels represent normal operating conditions. Higher leakage current may be measured at different input
voltages.
3:
Negative current is defined as current sourced by the pin.
4:
Refer to Table 10-2 for the pins that have corresponding tolerance limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com