Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F4321 Datasheet(PDF) 162 Page - Microchip Technology

Part # PIC18F4321
Description  Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4321 Datasheet(HTML) 162 Page - Microchip Technology

Back Button PIC18F4321 Datasheet HTML 158Page - Microchip Technology PIC18F4321 Datasheet HTML 159Page - Microchip Technology PIC18F4321 Datasheet HTML 160Page - Microchip Technology PIC18F4321 Datasheet HTML 161Page - Microchip Technology PIC18F4321 Datasheet HTML 162Page - Microchip Technology PIC18F4321 Datasheet HTML 163Page - Microchip Technology PIC18F4321 Datasheet HTML 164Page - Microchip Technology PIC18F4321 Datasheet HTML 165Page - Microchip Technology PIC18F4321 Datasheet HTML 166Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 402 page
background image
PIC18F2221/2321/4221/4321 FAMILY
DS39689F-page 162
© 2009 Microchip Technology Inc.
17.4.6
PROGRAMMABLE DEAD-BAND
DELAY
In half-bridge applications, where all power switches
are modulated at the PWM frequency at all times, the
power switches normally require more time to turn off
than to turn on. If both the upper and lower power
switches are switched at the same time (one turned on
and the other turned off), both switches may be on for
a short period of time until one switch completely turns
off. During this brief interval, a very high current (shoot-
through current) may flow through both power
switches, shorting the bridge supply. To avoid this
potentially destructive shoot-through current from
flowing during switching, turning on either of the power
switches is normally delayed to allow the other switch
to completely turn off.
In the Half-Bridge Output mode, a digitally programmable
dead-band delay is available to avoid shoot-through
current from destroying the bridge power switches. The
delay occurs at the signal transition from the nonactive
state to the active state (see Figure 17-4 for illustra-
tion). Bits PDC<6:0> of the ECCP1DEL register
(Register 17-2) set the delay period in terms of micro-
controller instruction cycles (TCY or 4 TOSC). These bits
are not available on 28-pin devices as the standard
CCP module does not support half-bridge operation.
17.4.7
ENHANCED PWM AUTO-SHUTDOWN
When the ECCP1 is programmed for any of the
Enhanced PWM modes, the active output pins may be
configured for auto-shutdown. Auto-shutdown immedi-
ately places the Enhanced PWM output pins into a
defined shutdown state when a shutdown event occurs.
A shutdown event can be caused by either of the
comparator modules, a low level on the Fault input pin
(FLT0) or any combination of these three sources. The
comparators may be used to monitor a voltage input
proportional to a current being monitored in the bridge
circuit. If the voltage exceeds a threshold, the
comparator switches state and triggers a shutdown.
Alternatively, a low digital signal on FLT0 can also trigger
a shutdown. The auto-shutdown feature can be disabled
by not selecting any auto-shutdown sources. The auto-
shutdown sources to be used are selected using the
ECCPAS<2:0> bits (ECCP1AS<6:4>).
When a shutdown occurs, the output pins are asyn-
chronously placed in their shutdown states, specified
by
the
PSSAC<1:0>
and
PSSBD<1:0>
bits
(ECCP1AS<3:0>). Each pin pair (P1A/P1C and P1B/
P1D) may be set to drive high, drive low or be tri-stated
(not driving). The ECCPASE bit (ECCP1AS<7>) is also
set to hold the Enhanced PWM outputs in their
shutdown states.
The ECCPASE bit is set by hardware when a shutdown
event occurs. If automatic restarts are not enabled, the
ECCPASE bit is cleared by firmware when the cause of
the shutdown clears. If automatic restarts are enabled,
the ECCPASE bit is automatically cleared when the
cause of the auto-shutdown has cleared.
If the ECCPASE bit is set when a PWM period begins,
the PWM outputs remain in their shutdown state for that
entire PWM period. When the ECCPASE bit is cleared,
the PWM outputs will return to normal operation at the
beginning of the next PWM period.
REGISTER 17-2:
ECCP1DEL: PWM DEAD-BAND DELAY REGISTER
Note:
Programmable dead-band delay is not
implemented in 28-pin devices with
standard CCP modules.
Note:
Writing to the ECCPASE bit is disabled
while a shutdown condition is active.
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
PRSEN
PDC6(1)
PDC5(1)
PDC4(1)
PDC3(1)
PDC2(1)
PDC1(1)
PDC0(1)
bit 7
bit 0
bit 7
PRSEN: PWM Restart Enable bit
1 = Upon auto-shutdown, the ECCPASE bit clears automatically once the shutdown event
goes away; the PWM restarts automatically
0 = Upon auto-shutdown, ECCPASE must be cleared in software to restart the PWM
bit 6-0
PDC<6:0>: PWM Delay Count bits(1)
Delay time, in number of FOSC/4 (4 * TOSC) cycles, between the scheduled and actual time for
a PWM signal to transition to active.
Note 1: Unimplemented on 28-pin devices; bits read ‘0’.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com