Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F4321 Datasheet(PDF) 166 Page - Microchip Technology

Part # PIC18F4321
Description  Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4321 Datasheet(HTML) 166 Page - Microchip Technology

Back Button PIC18F4321 Datasheet HTML 162Page - Microchip Technology PIC18F4321 Datasheet HTML 163Page - Microchip Technology PIC18F4321 Datasheet HTML 164Page - Microchip Technology PIC18F4321 Datasheet HTML 165Page - Microchip Technology PIC18F4321 Datasheet HTML 166Page - Microchip Technology PIC18F4321 Datasheet HTML 167Page - Microchip Technology PIC18F4321 Datasheet HTML 168Page - Microchip Technology PIC18F4321 Datasheet HTML 169Page - Microchip Technology PIC18F4321 Datasheet HTML 170Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 402 page
background image
PIC18F2221/2321/4221/4321 FAMILY
DS39689F-page 166
© 2009 Microchip Technology Inc.
TABLE 17-3:
REGISTERS ASSOCIATED WITH ECCP1 MODULE AND TIMER1 TO TIMER3
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values
on page
INTCON
GIE/GIEH PEIE/GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
55
RCON
IPEN
SBOREN(1)
—
RI
TO
PD
POR
BOR
54
PIR1
PSPIF(2)
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
58
PIE1
PSPIE(2)
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
58
IPR1
PSPIP(2)
ADIP
RCIP
TXIP
SSPIP
CCP1IP
TMR2IP
TMR1IP
58
PIR2
OSCFIF
CMIF
—
EEIF
BCLIF
HLVDIF
TMR3IF
CCP2IF
58
PIE2
OSCFIE
CMIE
—
EEIE
BCLIE
HLVDIE
TMR3IE
CCP2IE
58
IPR2
OSCFIP
CMIP
—
EEIP
BCLIP
HLVDIP
TMR3IP
CCP2IP
58
TRISB
PORTB Data Direction Register
58
TRISC
PORTC Data Direction Register
58
TRISD(2)
PORTD Data Direction Register
58
TMR1L
Timer1 Register Low Byte
56
TMR1H
Timer1 Register High Byte
56
T1CON
RD16
T1RUN
T1CKPS1
T1CKPS0
T1OSCEN
T1SYNC
TMR1CS
TMR1ON
56
TMR2
Timer2 Register
56
T2CON
—
T2OUTPS3 T2OUTPS2 T2OUTPS1 T2OUTPS0 TMR2ON T2CKPS1 T2CKPS0
56
PR2
Timer2 Period Register
56
TMR3L
Timer3 Register Low Byte
57
TMR3H
Timer3 Register High Byte
57
T3CON
RD16
T3CCP2
T3CKPS1
T3CKPS0
T3CCP1
T3SYNC
TMR3CS
TMR3ON
57
CCPR1L
Capture/Compare/PWM Register 1 Low Byte
57
CCPR1H
Capture/Compare/PWM Register 1 High Byte
57
CCP1CON
P1M1(2)
P1M0(2)
DC1B1
DC1B0
CCP1M3
CCP1M2
CCP1M1
CCP1M0
57
ECCP1AS
ECCPASE ECCPAS2
ECCPAS1
ECCPAS0
PSSAC1
PSSAC0 PSSBD1(2) PSSBD0(2)
57
ECCP1DEL
PRSEN
PDC6(2)
PDC5(2)
PDC4(2)
PDC3(2)
PDC2(2)
PDC1(2)
PDC0(2)
57
Legend:
— = unimplemented, read as ‘0’. Shaded cells are not used during ECCP operation.
Note 1:
The SBOREN bit is only available when the BOREN<1:0> Configuration bits = 01; otherwise, it is disabled and
reads as ‘0’. See Section 5.4 “Brown-out Reset (BOR)”.
2:
These registers and/or bits are unimplemented on 28-pin devices; always maintain these bits clear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com