Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F4321 Datasheet(PDF) 167 Page - Microchip Technology

Part # PIC18F4321
Description  Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4321 Datasheet(HTML) 167 Page - Microchip Technology

Back Button PIC18F4321 Datasheet HTML 163Page - Microchip Technology PIC18F4321 Datasheet HTML 164Page - Microchip Technology PIC18F4321 Datasheet HTML 165Page - Microchip Technology PIC18F4321 Datasheet HTML 166Page - Microchip Technology PIC18F4321 Datasheet HTML 167Page - Microchip Technology PIC18F4321 Datasheet HTML 168Page - Microchip Technology PIC18F4321 Datasheet HTML 169Page - Microchip Technology PIC18F4321 Datasheet HTML 170Page - Microchip Technology PIC18F4321 Datasheet HTML 171Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 402 page
background image
© 2009 Microchip Technology Inc.
DS39689F-page 167
PIC18F2221/2321/4221/4321 FAMILY
18.0 MASTER SYNCHRONOUS
SERIAL PORT (MSSP)
MODULE
18.1
Master SSP (MSSP) Module
Overview
The Master Synchronous Serial Port (MSSP) module is
a serial interface, useful for communicating with other
peripheral or microcontroller devices. These peripheral
devices may be serial EEPROMs, shift registers,
display drivers, A/D converters, etc. The MSSP module
can operate in one of two modes:
• Serial Peripheral Interface (SPI)
• Inter-Integrated Circuit (I2C™)
- Full Master mode
- Slave mode (with address masking for both
10-bit and 7-bit addressing)
The I2C interface supports the following modes in
hardware:
•Master mode
• Multi-Master mode
• Slave mode
18.2
Control Registers
The MSSP module has three associated registers.
These include a status register (SSPSTAT) and two
control registers (SSPCON1 and SSPCON2). The use
of these registers and their individual Configuration bits
differ significantly depending on whether the MSSP
module is operated in SPI or I2C mode.
Additional details are provided under the individual
sections.
18.3
SPI Mode
The SPI mode allows 8 bits of data to be synchronously
transmitted and received simultaneously. All four SPI
modes are supported. To accomplish communication,
typically three pins are used:
• Serial Data Out (SDO) – SDO
• Serial Data In (SDI) – SDI/SDA
• Serial Clock (SCK) – SCK/SCL
Additionally, a fourth pin may be used when in a Slave
mode of operation:
• Slave Select (SS)
Figure 18-1 shows the block diagram of the MSSP
module when operating in SPI mode.
FIGURE 18-1:
MSSP BLOCK DIAGRAM
(SPI MODE)
(
)
Read
Write
Internal
Data Bus
SSPSR reg
SSPM<3:0>
bit 0
Shift
Clock
SS Control
Enable
Edge
Select
Clock Select
TMR2 Output
TOSC
Prescaler
4, 16, 64
2
Edge
Select
2
4
Data to TX/RX in SSPSR
TRIS bit
2
SMP:CKE
SDO
SSPBUF reg
SDI/SDA
SS
SCK/SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com