Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F4321 Datasheet(PDF) 196 Page - Microchip Technology

Part # PIC18F4321
Description  Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4321 Datasheet(HTML) 196 Page - Microchip Technology

Back Button PIC18F4321 Datasheet HTML 192Page - Microchip Technology PIC18F4321 Datasheet HTML 193Page - Microchip Technology PIC18F4321 Datasheet HTML 194Page - Microchip Technology PIC18F4321 Datasheet HTML 195Page - Microchip Technology PIC18F4321 Datasheet HTML 196Page - Microchip Technology PIC18F4321 Datasheet HTML 197Page - Microchip Technology PIC18F4321 Datasheet HTML 198Page - Microchip Technology PIC18F4321 Datasheet HTML 199Page - Microchip Technology PIC18F4321 Datasheet HTML 200Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 402 page
background image
PIC18F2221/2321/4221/4321 FAMILY
DS39689F-page 196
© 2009 Microchip Technology Inc.
18.4.6.1
I2C Master Mode Operation
The master device generates all of the serial clock
pulses and the Start and Stop conditions. A transfer is
ended with a Stop condition or with a Repeated Start
condition. Since the Repeated Start condition is also
the beginning of the next serial transfer, the I2C bus will
not be released.
In Master Transmitter mode, serial data is output
through SDA, while SCL outputs the serial clock. The
first byte transmitted contains the slave address of the
receiving device (7 bits) and the Read/Write (R/W) bit.
In this case, the R/W bit will be logic ‘0’. Serial data is
transmitted 8 bits at a time. After each byte is transmit-
ted, an Acknowledge bit is received. Start and Stop
conditions are output to indicate the beginning and the
end of a serial transfer.
In Master Receive mode, the first byte transmitted
contains the slave address of the transmitting device
(7 bits) and the R/W bit. In this case, the R/W bit will be
logic ‘1’. Thus, the first byte transmitted is a 7-bit slave
address followed by a ‘1’ to indicate the receive bit.
Serial data is received via SDA, while SCL outputs the
serial clock. Serial data is received 8 bits at a time. After
each byte is received, an Acknowledge bit is transmit-
ted. Start and Stop conditions indicate the beginning
and end of transmission.
The Baud Rate Generator used for the SPI mode
operation is used to set the SCL clock frequency for
either 100 kHz, 400 kHz or 1 MHz I2C operation. See
Section 18.4.7 “Baud Rate” for more detail.
A typical transmit sequence would go as follows:
1.
The user generates a Start condition by setting
the Start Enable bit, SEN (SSPCON2<0>).
2.
SSPIF is set. The MSSP module will wait the
required start time before any other operation
takes place.
3.
The user loads the SSPBUF with the slave
address to transmit.
4.
Address is shifted out the SDA pin until all 8 bits
are transmitted.
5.
The MSSP module shifts in the ACK bit from the
slave device and writes its value into the
SSPCON2 register.
6.
The MSSP module generates an interrupt at the
end of the ninth clock cycle by setting the SSPIF
bit.
7.
The user loads the SSPBUF with eight bits of
data.
8.
Data is shifted out the SDA pin until all 8 bits are
transmitted.
9.
The MSSP module shifts in the ACK bit from the
slave device and writes its value into the
SSPCON2 register.
10. The MSSP module generates an interrupt at the
end of the ninth clock cycle by setting the SSPIF
bit.
11. The user generates a Stop condition by setting
the Stop Enable bit, PEN (SSPCON2<2>).
12. Interrupt is generated once the Stop condition is
complete.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com