Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F4321 Datasheet(PDF) 197 Page - Microchip Technology

Part # PIC18F4321
Description  Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4321 Datasheet(HTML) 197 Page - Microchip Technology

Back Button PIC18F4321 Datasheet HTML 193Page - Microchip Technology PIC18F4321 Datasheet HTML 194Page - Microchip Technology PIC18F4321 Datasheet HTML 195Page - Microchip Technology PIC18F4321 Datasheet HTML 196Page - Microchip Technology PIC18F4321 Datasheet HTML 197Page - Microchip Technology PIC18F4321 Datasheet HTML 198Page - Microchip Technology PIC18F4321 Datasheet HTML 199Page - Microchip Technology PIC18F4321 Datasheet HTML 200Page - Microchip Technology PIC18F4321 Datasheet HTML 201Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 402 page
background image
© 2009 Microchip Technology Inc.
DS39689F-page 197
PIC18F2221/2321/4221/4321 FAMILY
18.4.7
BAUD RATE
In I2C Master mode, the Baud Rate Generator (BRG)
reload value is placed in the lower 7 bits of the
SSPADD register (Figure 18-19). When a write occurs
to SSPBUF, the Baud Rate Generator will automatically
begin counting. The BRG counts down to 0 and stops
until another reload has taken place. The BRG count is
decremented twice per instruction cycle (TCY) on the
Q2 and Q4 clocks. In I2C Master mode, the BRG is
reloaded automatically.
Once the given operation is complete (i.e., transmis-
sion of the last data bit is followed by ACK), the internal
clock will automatically stop counting and the SCL pin
will remain in its last state.
Table 18-3 demonstrates clock rates based on
instruction cycles and the BRG value loaded into
SSPADD.
FIGURE 18-19:
BAUD RATE GENERATOR BLOCK DIAGRAM
TABLE 18-3:
I2C™ CLOCK RATE W/BRG
Fosc
FCY
FCY * 2
BRG Value
FSCL
(2 Rollovers of BRG)
40 MHz
10 MHz
20 MHz
18h
400 kHz
40 MHz
10 MHz
20 MHz
1Fh
312.5 kHz
40 MHz
10 MHz
20 MHz
63h
100 kHz
16 MHz
4 MHz
8 MHz
09h
400 kHz
16 MHz
4 MHz
8 MHz
0Ch
308 kHz
16 MHz
4 MHz
8 MHz
27h
100 kHz
4 MHz
1 MHz
2 MHz
02h
333 kHz
4 MHz
1 MHz
2 MHz
09h
100 kHz
4 MHz
1 MHz
2 MHz
00h
1 MHz
SSPM<3:0>
BRG Down Counter
CLKO
FOSC/4
SSPADD<6:0>
SSPM<3:0>
SCL
Reload
Control
Reload



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com