Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIC3003 Datasheet(PDF) 73 Page - Micrel Semiconductor

Part # MIC3003
Description  FOM Management IC with Internal Calibration
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3003 Datasheet(HTML) 73 Page - Micrel Semiconductor

Back Button MIC3003 Datasheet HTML 67Page - Micrel Semiconductor MIC3003 Datasheet HTML 68Page - Micrel Semiconductor MIC3003 Datasheet HTML 69Page - Micrel Semiconductor MIC3003 Datasheet HTML 70Page - Micrel Semiconductor MIC3003 Datasheet HTML 71Page - Micrel Semiconductor MIC3003 Datasheet HTML 72Page - Micrel Semiconductor MIC3003 Datasheet HTML 73Page - Micrel Semiconductor MIC3003 Datasheet HTML 74Page - Micrel Semiconductor MIC3003 Datasheet HTML 75Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 73 / 75 page
background image
Micrel, Inc.
MIC3003
November 2009
73
M9999-111209-C
hbwhelp@micrel.com or (408) 955-1690
RX Power Coefficient Look-up Table (RXLUTn)
Default values
Offset coefficients are set to a default value of zero
Slope coefficients are set to a default vakue of 1.0
Serial address
A6h
Byte addresses
40 - 71 = 28h - 47h
These registers hold the receive power slope and offset coefficients used to calibrate the MIC3003’s ADC receive power result
in internal calibration mode.
These registers are non-volatile and will be maintained through power and reset cycles. A valid OEM password is required for
access to these registers.
A6 Address
Bytes
Definition
40 (28h)
RXSLP0h
RX slope 0, high byte
41 (29h)
RXSLP0l
RX slope 0, low byte
42 (2Ah)
RXOFF0h
RX offset 0, high byte
43 (2Bh)
RXOFF0l
RX offset 0, low byte
44 (2Ch)
RXSLP1h
RX slope 1, high byte
45 (2Dh)
RXSLP1l
RX slope 1, low byte
46 (2Eh)
RXOFF1h
RX offset 1, high byte
47 (2Fh)
RXOFF1l
RX offset 1, low byte
•
•
•
•
•
•
68 (44h)
RXSLP7h
RX slope 7, high byte
69 (45h)
RXSLP7l
RX slope 7, low byte
70 (46h)
RXOFF7h
RX offset 7, high byte
71 (47h)
RXOFF7l
RX offset 7, low byte
Calibration Constants (CALCOEFn)
Default values
Offset coefficients are set to a default value of zero
Slope coefficients are set to a default vakue of 1.0
Serial address
A6h
Byte addresses
74 - 87 = 4Ah - 57h
These registers hold the slope and offset coefficients used to calibrate the MIC3003’s ADC results in internal calibration mode.
Note that the temperature offset is also used in external calibration mode; but this can be disabled in OEMCFG5 (or by setting
the offset coefficient to zero).
These registers are non-volatile and will be maintained through power and reset cycles. A valid OEM password is required for
access to these registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com