Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIC3003 Datasheet(PDF) 26 Page - Micrel Semiconductor

Part # MIC3003
Description  FOM Management IC with Internal Calibration
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3003 Datasheet(HTML) 26 Page - Micrel Semiconductor

Back Button MIC3003 Datasheet HTML 22Page - Micrel Semiconductor MIC3003 Datasheet HTML 23Page - Micrel Semiconductor MIC3003 Datasheet HTML 24Page - Micrel Semiconductor MIC3003 Datasheet HTML 25Page - Micrel Semiconductor MIC3003 Datasheet HTML 26Page - Micrel Semiconductor MIC3003 Datasheet HTML 27Page - Micrel Semiconductor MIC3003 Datasheet HTML 28Page - Micrel Semiconductor MIC3003 Datasheet HTML 29Page - Micrel Semiconductor MIC3003 Datasheet HTML 30Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 75 page
background image
Micrel, Inc.
MIC3003
November 2009
26
M9999-111209-C
hbwhelp@micrel.com or (408) 955-1690
Furthermore, the reference level for the APC circuit is
selectable to accommodate electrical, i.e., current
feedback, or optical feedback via a monitor photodiode.
Finally, any one of seven different internal feedback
resistors can be selected. This internal resistor can be
used alone or in parallel with an external resistor. This
wide range of adjustability (50:1) accommodates a wide
range of photodiode current, i.e., wide range of
transmitter output power. The APC operating point can
be kept near the mid-scale value of the APC DAC,
insuring maximum SNR, maximum effective resolution
for digital diagnostics, and the widest possible DAC
adjustment range for temperature compensation, etc.
See Figure 6.
The APCCAL bit in OEMCAL0 is used to turn the APC
function on and off. It will be turned on in the MIC3003’s
default state as shipped from the factory. When the APC
is on, the value in the selected APCSETx register is
added to the signed compensation value taken from the
APC look-up table and loaded into the VBIAS DAC. When
the APC is off, the VBIAS DAC may be written directly via
the VBIAS register, bypassing the look-up table entirely.
This provides direct control of the laser diode bias during
setup and calibration. In either case, the VBIAS DAC
setting is reported in the APCDAC register.
Figure 5. MIC3003 APC and Modulation Control
Block Diagram
Figure 6. Programmable Feedback Resistor
Laser Modulation Control
As shown in Figure 5, a temperature-compensated DAC
is provided to set and control the laser modulation
current via an external laser driver circuit. The MODREF
bit in OEMCFG0 selects whether the VMOD DAC output
swings up from ground or down from VDD. If the laser
driver requires a voltage input to set the modulation
current, the MIC3003’s VMOD output can drive it directly.
If a current input is required, a fixed resistor can be used
between the driver and the VMOD output. Several different
configurations are possible as shown in Figure 8.
When the APC is on, i.e., the APCCAL bit in OEMCAL0
is set to 0, the value corresponding to the current
temperature is taken from the MODLUT look-up table,
added to the selected MODSETx register, and loaded
into the VMOD DAC. When the APC is off, the
compensation value in VMOD is loaded directly into the
VMOD DAC, bypassing the look-up table entirely. This
provides for direct modulation control for setup and
calibration.
Figure 7. Transmitter Configurations
Supported by MIC3003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com