Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC2615IGNPBF Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2615IGNPBF
Description  Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2615IGNPBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2615IGNPBF Datasheet HTML 6Page - Linear Technology LTC2615IGNPBF Datasheet HTML 7Page - Linear Technology LTC2615IGNPBF Datasheet HTML 8Page - Linear Technology LTC2615IGNPBF Datasheet HTML 9Page - Linear Technology LTC2615IGNPBF Datasheet HTML 10Page - Linear Technology LTC2615IGNPBF Datasheet HTML 11Page - Linear Technology LTC2615IGNPBF Datasheet HTML 12Page - Linear Technology LTC2615IGNPBF Datasheet HTML 13Page - Linear Technology LTC2615IGNPBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
LTC2605/LTC2615/LTC2625
10
2605fa
PIN FUNCTIONS
BLOCK DIAGRAM
TIMING DIAGRAM
GND (Pin 1): Analog Ground.
VOUT A to VOUT H (Pins 2-5 and 12-15): DAC Analog Volt-
age Output. The output range is 0V to VREF.
REF (Pin 6): Reference Voltage Input. 0V ≤ VREF ≤ VCC.
CA2 (Pin 7): Chip Address Bit 2. Tie this pin to VCC, GND
or leave it floating to select an I2C slave address for the
part (Table 2).
SCL (Pin 8): Serial Clock Input Pin. Data is shifted into
the SDA pin at the rising edges of the clock. This high
impedance pin requires a pull-up resistor or current
source to VCC.
SDA (Pin 9): Serial Data Bidirectional Pin. Data is shifted
into the SDA pin and acknowledged by the SDA pin. This
is a high impedance pin while data is shifted in. It is an
open-drain N-channel output during acknowledgment. This
pin requires a pull-up resistor or current source to VCC.
CA1 (Pin 10): Chip Address Bit 1. Tie this pin to VCC, GND
or leave it floating to select an I2C slave address for the
part (Table 2).
CA0 (Pin 11): Chip Address Bit 0. Tie this pin to VCC, GND
or leave it floating to select an I2C slave address for the
part (Table 2).
VCC (Pin 16): Supply Voltage Input. 2.7V ≤ VCC ≤ 5.5V.
2
15
1
GND
VOUT A
VOUT B
VOUT C
VOUT D
REF
CA2
SCL
VCC
VOUT H
VOUT G
VOUT F
VOUT E
CA0
CA1
SDA
2605 BD01
16
DAC A
3
14
4
13
5
7
6
8
10
11
9
12
2-WIRE INTERFACE
32-BIT SHIFT REGISTER
DAC H
DAC B
DAC G
DAC C
DAC F
DAC D
DAC E
SDA
tf
S
tr
tLOW
tHD(STA)
ALL VOLTAGE LEVELS REFER TO VIH(MIN) AND VIL(MAX) LEVELS
tHD(DAT)
tSU(DAT)
tSU(STA)
tHD(STA)
tSU(STO)
tSP
tBUF
tr
tf
tHIGH
SCL
S
P
S
2605 F01
Figure 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com