Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC2615IGNPBF Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2615IGNPBF
Description  Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2615IGNPBF Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2615IGNPBF Datasheet HTML 9Page - Linear Technology LTC2615IGNPBF Datasheet HTML 10Page - Linear Technology LTC2615IGNPBF Datasheet HTML 11Page - Linear Technology LTC2615IGNPBF Datasheet HTML 12Page - Linear Technology LTC2615IGNPBF Datasheet HTML 13Page - Linear Technology LTC2615IGNPBF Datasheet HTML 14Page - Linear Technology LTC2615IGNPBF Datasheet HTML 15Page - Linear Technology LTC2615IGNPBF Datasheet HTML 16Page - Linear Technology LTC2615IGNPBF Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
LTC2605/LTC2615/LTC2625
13
2605fa
OPERATION
The format of the three data bytes is shown in Figure 2.
The first byte of the input word consists of the 4-bit com-
mand and 4-bit DAC address. The next two bytes consist
of the 16-bit data word. The 16-bit data word consists of
the 16-, 14- or 12-bit input code, MSB to LSB, followed by
0, 2 or 4 don’t care bits (LTC2605, LTC2615 and LTC2625
respectively). A typical I2C write transaction is shown in
Figure 3.
The command (C3-C0) and address (A3-A0) assignments
are shown in Table 1. The first four commands in the table
consist of write and update operations. A write operation
loads the 16-bit data word from the 32-bit shift register
into the input register of the selected DAC, n. An update
operation copies the data word from the input register to
the DAC register. Once copied into the DAC register, the
data word becomes the active 16-, 14- or 12-bit input
code, and is converted to an analog voltage at the DAC
output. The update operation also powers up the selected
DAC if it had been in power-down mode. The data path
and registers are shown in the Block Diagram.
Power-Down Mode
For power-constrained applications, power-down mode
can be used to reduce the supply current whenever less
than eight outputs are needed. When in power down, the
buffer amplifiers and reference inputs are disabled and
draw essentially zero current. The DAC outputs are put into
a high impedance state, and the output pins are passively
pulled to ground through individual 90k resistors. When
all eight DACs are powered down, the bias generation
circuit is also disabled. Input and DAC registers are not
disturbed during power down.
Any channel or combination of channels can be put into
power-down mode by using command 0100b in combi-
nation with the appropriate DAC address, (n). The 16-bit
data word is ignored. The supply and reference currents
are reduced by approximately 1/8 for each DAC powered
down; the effective resistance at REF (Pin 6) rises accord-
ingly, becoming a high impedance input (typically >1GΩ)
when all eight DACs are powered down.
Normal operation can be resumed by executing any com-
mand which includes a DAC update, as shown in Table 1.
The selected DAC is powered up as its voltage output is
updated.
There is an initial delay as the DAC powers up before it
begins its usual settling behavior. If less than eight DACs
are in a powered-down state prior to the updated com-
mand, the power-up delay is 5μs. If, on the other hand,
all eight DACs are powered down, then the bias genera-
tion circuit is also disabled and must be restarted. In this
case, the power-up delay is greater: 12μs for VCC = 5V,
30μs for VCC = 3V.
S
INPUT WORD
WRITE WORD PROTOCOL FOR LTC2605/LTC2615/LTC2625
INPUT WORD (LTC2605)
SLAVE ADDRESS
W
A
A
1ST DATA BYTE
2ND DATA BYTE
A
3RD DATA BYTE
AP
2605 F02
1ST DATA BYTE
2ND DATA BYTE
3RD DATA BYTE
1ST DATA BYTE
2ND DATA BYTE
3RD DATA BYTE
1ST DATA BYTE
2ND DATA BYTE
3RD DATA BYTE
C3
C2
C1
C0
A3
A2
A1
A0
D13
D14
D15
D12 D11 D10 D9
D8
D7 D6
D5
D4
D3
D2
D1 D0
INPUT WORD (LTC2615)
C3
C2
C1
C0
A3
A2
A1
A0
D11
D12
D13
D10 D9
D8
D7
D6
D5 D4
D3
D2
D1
D0
X
X
INPUT WORD (LTC2625)
C3
C2
C1
C0
A3
A2
A1
A0
D9
D10
D11
D8
D7
D6
D5
D4
D3 D2
D1
D0
X
X
X
X
Figure 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com