Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC2615IGNPBF Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2615IGNPBF
Description  Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2615IGNPBF Datasheet(HTML) 2 Page - Linear Technology

  LTC2615IGNPBF Datasheet HTML 1Page - Linear Technology LTC2615IGNPBF Datasheet HTML 2Page - Linear Technology LTC2615IGNPBF Datasheet HTML 3Page - Linear Technology LTC2615IGNPBF Datasheet HTML 4Page - Linear Technology LTC2615IGNPBF Datasheet HTML 5Page - Linear Technology LTC2615IGNPBF Datasheet HTML 6Page - Linear Technology LTC2615IGNPBF Datasheet HTML 7Page - Linear Technology LTC2615IGNPBF Datasheet HTML 8Page - Linear Technology LTC2615IGNPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LTC2605/LTC2615/LTC2625
2
2605fa
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Any Pin to GND ............................................ –0.3V to 6V
Any Pin to VCC ............................................. –6V to 0.3V
Maximum Junction Temperature .......................... 125°C
Operating Temperature Range
LTC2605C/LTC2615C/LTC2625C ............. 0°C to 70°C
LTC2605C-1/LTC2615C-1/LTC2625C-1 .... 0°C to 70°C
LTC2605I/LTC2615I/LTC2625I.............–40°C to 85°C
LTC2605I-1/LTC2615I-1/LTC2625I-1....–40°C to 85°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)................... 300°C
(Note 1)
GN PACKAGE
16-LEAD PLASTIC SSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
GND
VOUT A
VOUT B
VOUT C
VOUT D
REF
CA2
SCL
VCC
VOUT H
VOUT G
VOUT F
VOUT E
CA0
CA1
SDA
TJMAX = 125°C, θJA = 160°C/W
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2605CGN#PBF
LTC2605CGN#TRPBF
2605
16-Lead Plastic SSOP
0°C to 70°C
LTC2605CGN-1#PBF
LTC2605CGN-1#TRPBF
26051
16-Lead Plastic SSOP
0°C to 70°C
LTC2605IGN#PBF
LTC2605IGN#TRPBF
2605I
16-Lead Plastic SSOP
–40°C to 85°C
LTC2605IGN-1#PBF
LTC2605IGN-1#TRPBF
2605I1
16-Lead Plastic SSOP
–40°C to 85°C
LTC2615CGN#PBF
LTC2615CGN#TRPBF
2615
16-Lead Plastic SSOP
0°C to 70°C
LTC2615CGN-1#PBF
LTC2615CGN-1#TRPBF
26151
16-Lead Plastic SSOP
0°C to 70°C
LTC2615IGN#PBF
LTC2615IGN#TRPBF
2615I
16-Lead Plastic SSOP
–40°C to 85°C
LTC2615IGN-1#PBF
LTC2615IGN-1#TRPBF
2615I1
16-Lead Plastic SSOP
–40°C to 85°C
LTC2625CGN#PBF
LTC2625CGN#TRPBF
2625
16-Lead Plastic SSOP
0°C to 70°C
LTC2625CGN-1#PBF
LTC2625CGN-1#TRPBF
26251
16-Lead Plastic SSOP
0°C to 70°C
LTC2625IGN#PBF
LTC2625IGN#TRPBF
2625I
16-Lead Plastic SSOP
–40°C to 85°C
LTC2625IGN-1#PBF
LTC2625IGN-1#TRPBF
2625I1
16-Lead Plastic SSOP
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com