Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CF5026AL3 Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # CF5026AL3
Description  Crystal Oscillator Module ICs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5026AL3 Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  CF5026AL3 Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5026AL3 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5026AL3 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5026AL3 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5026AL3 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5026AL3 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5026AL3 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5026AL3 Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5026AL3 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
5026 series
SEIKO NPC CORPORATION —2
PAD LAYOUT
(Unit:
µm)
PIN DESCRIPTION and PAD DIMENSIONS
Chip size: 0.75
× 0.85mm
Chip thickness: 180 ± 20µm
PAD size: 90µm
Chip base: VDD level
Name
I/O
Description
Pad dimensions [µm]
XY
INHN
I
Output state control input. High impedance when LOW (oscillator stops).
Power-saving pull-up resistor built-in.
605
413
XT
I
Amplifier input
Crystal connection pins.
Crystal is connected between XT and XTN.
579
144
XTN
O
Amplifier output
171
144
VDD
–
Supply voltage
131
438
QO
Output. Output frequency determined by internal circuit to one of fO, fO/2, fO/4, fO/8, fO/16,
fO/32. High impedance in standby mode
131
705
VSS
–
Ground
618
718
Q
VDD
XTN
VSS
(0,0)
(750,850)
X
Y
INHN
XT
NPC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com