Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CF5026AL3 Datasheet(PDF) 13 Page - Nippon Precision Circuits Inc

Part # CF5026AL3
Description  Crystal Oscillator Module ICs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5026AL3 Datasheet(HTML) 13 Page - Nippon Precision Circuits Inc

Back Button CF5026AL3 Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5026AL3 Datasheet HTML 9Page - Nippon Precision Circuits Inc CF5026AL3 Datasheet HTML 10Page - Nippon Precision Circuits Inc CF5026AL3 Datasheet HTML 11Page - Nippon Precision Circuits Inc CF5026AL3 Datasheet HTML 12Page - Nippon Precision Circuits Inc CF5026AL3 Datasheet HTML 13Page - Nippon Precision Circuits Inc CF5026AL3 Datasheet HTML 14Page - Nippon Precision Circuits Inc CF5026AL3 Datasheet HTML 15Page - Nippon Precision Circuits Inc CF5026AL3 Datasheet HTML 16Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
5026 series
SEIKO NPC CORPORATION —13
Current consumption and Output waveform with NPC’s standard crystal
FUNCTIONAL DESCRIPTION
Standby Function
When INHN goes LOW, the oscillator stops and the oscillator output on Q becomes high impedance.
Power-saving Pull-up Resistor
The INHN pull-up resistance changes in response to the input level (HIGH or LOW). When INHN goes LOW
(standby state), the pull-up resistance becomes large to reduce the current consumption during standby.
Note. The 72MHz and 100MHz crystal parameters are confidential.
Version
INHN
Q
Oscillator
5026AL
×
HIGH (or open)
Any fO, fO/2, fO/4, fO/8, fO/16 or fO/32 output frequency
Normal operation
5026BL1, ML
×
fO
5026AL
×, BL1, ML×
LOW
High impedance
Stopped
f [MHz]
R [
Ω]
L [mH]
Ca [fF]
Cb [pF]
50
16.12
6.88
1.48
1.18
72
−−−−
100
−−−−
L
Ca
R
Cb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com