Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CF5026AL3 Datasheet(PDF) 14 Page - Nippon Precision Circuits Inc

Part # CF5026AL3
Description  Crystal Oscillator Module ICs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5026AL3 Datasheet(HTML) 14 Page - Nippon Precision Circuits Inc

Back Button CF5026AL3 Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5026AL3 Datasheet HTML 9Page - Nippon Precision Circuits Inc CF5026AL3 Datasheet HTML 10Page - Nippon Precision Circuits Inc CF5026AL3 Datasheet HTML 11Page - Nippon Precision Circuits Inc CF5026AL3 Datasheet HTML 12Page - Nippon Precision Circuits Inc CF5026AL3 Datasheet HTML 13Page - Nippon Precision Circuits Inc CF5026AL3 Datasheet HTML 14Page - Nippon Precision Circuits Inc CF5026AL3 Datasheet HTML 15Page - Nippon Precision Circuits Inc CF5026AL3 Datasheet HTML 16Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
5026 series
SEIKO NPC CORPORATION —14
MEASUREMENT CIRCUITS
Measurement cct 1
2Vp-p, 10MHz sine wave input signal
C1: 0.001
µF
R1: 50
Ω
R2: 5026AL
×
: 412
Ω (2.5V operation)
575
Ω (3.0V operation)
5026BL1, ML
× : 206Ω (2.5V operation)
287
Ω (3.0V operation)
Measurement cct 2
Measurement cct 3
Signal
Generator
VDD
VSS
XT
Q
R1
R2
VOH
0V
Q output
VDD
C1
XTN
INHN
VOH
VOL
V
A
IZ
VDD
VSS
XT
Q
XTN
INHN
IZ, IOL
X'tal
IDD
IST
A
VDD
VSS
XT
Q
XTN
INHN
Measurement cct 4
Measurement cct 5
Measurement cct 6
2Vp-p, 10MHz sine wave input signal
C1: 0.001
µF
R1: 50
Ω
Load cct 1
IPR
A
V
VPR
VDD
IPR
(VPR = VSS)
RUP2 =
IPR
(VPR = 0.7VDD)
VDD VPR
RUP1 =
VDD
VSS
XT
Q
XTN
INHN
IRf
Rf =
A
VDD
VSS
XT
Q
XTN
INHN
VDD
IRf
Rf 2 =
VDD
IRf
Signal
Generator
VDD
VSS
XT
Q
R1
C1
XTN
INHN
Q output
CL
(Including probe
capacitance)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com