Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS854S013BGLF Datasheet(PDF) 4 Page - Integrated Device Technology

Part # ICS854S013BGLF
Description  LOW SKEW, DUAL, 1-TO-3 DIFFERENTIAL-TO-LVDS FANOUT BUFFER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS854S013BGLF Datasheet(HTML) 4 Page - Integrated Device Technology

  ICS854S013BGLF Datasheet HTML 1Page - Integrated Device Technology ICS854S013BGLF Datasheet HTML 2Page - Integrated Device Technology ICS854S013BGLF Datasheet HTML 3Page - Integrated Device Technology ICS854S013BGLF Datasheet HTML 4Page - Integrated Device Technology ICS854S013BGLF Datasheet HTML 5Page - Integrated Device Technology ICS854S013BGLF Datasheet HTML 6Page - Integrated Device Technology ICS854S013BGLF Datasheet HTML 7Page - Integrated Device Technology ICS854S013BGLF Datasheet HTML 8Page - Integrated Device Technology ICS854S013BGLF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
ICS854S013
LOW SKEW, DUAL, 1-TO-3 DIFFERENTIAL-TO-LVDS FANOUT BUFFER
PRELIMINARY
IDT™ / ICS™ LVDS FANOUT BUFFER
4
ICS854S013BG REV. A FEBRUARY 26, 2008
Table 4C. LVDS DC Characteristics, VDD = 3.3V ± 5%, TA = 0°C to 70°C
Table 5. AC Characteristics, VDD = 3.3V ± 5%, TA = 0°C to 70°C
All parameters measured at 500MHz unless noted otherwise.
NOTE 1: Measured from the differential input crossing point to the differential output crossing point.
NOTE 2: Defined as skew between outputs at the same supply voltage and with equal load conditions.
Measured from the output differential cross points.
NOTE 3: Defined as skew within a bank of outputs at the same voltage and with equal load conditions.
NOTE 4: This parameter is defined in accordance with JEDEC Standard 65.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VOD
Differential Output Voltage
360
mV
∆V
OD
VOD Magnitude Change
50
mV
VOS
Offset Voltage
1.35
V
∆V
OS
VOS Magnitude Change
50
mV
Parameter
Symbol
Test Conditions
Minimum
Typical
Maximum
Units
fMAX
Output Frequency
>3
GHz
tPD
Propagation Delay; NOTE 1
TBD
ps
tsk(o)
Output Skew; NOTE 2, 4
<25
ps
tsk(b)
Bank Skew; NOTE 3, 4
<50
ps
tjit
Buffer Additive Phase Jitter, RMS;
refer to Additive Phase Jitter Section
100MHz, Integration Range:
12kHz – 20MHz
0.15
tR / tF
Output Rise/Fall Time
20% to 80%
200
ps
odc
Output Duty Cycle
50
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com