Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS854S013BGLF Datasheet(PDF) 13 Page - Integrated Device Technology

Part # ICS854S013BGLF
Description  LOW SKEW, DUAL, 1-TO-3 DIFFERENTIAL-TO-LVDS FANOUT BUFFER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS854S013BGLF Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button ICS854S013BGLF Datasheet HTML 6Page - Integrated Device Technology ICS854S013BGLF Datasheet HTML 7Page - Integrated Device Technology ICS854S013BGLF Datasheet HTML 8Page - Integrated Device Technology ICS854S013BGLF Datasheet HTML 9Page - Integrated Device Technology ICS854S013BGLF Datasheet HTML 10Page - Integrated Device Technology ICS854S013BGLF Datasheet HTML 11Page - Integrated Device Technology ICS854S013BGLF Datasheet HTML 12Page - Integrated Device Technology ICS854S013BGLF Datasheet HTML 13Page - Integrated Device Technology ICS854S013BGLF Datasheet HTML 14Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
ICS854S013
LOW SKEW, DUAL, 1-TO-3 DIFFERENTIAL-TO-LVDS FANOUT BUFFER
PRELIMINARY
IDT™ / ICS™ LVDS FANOUT BUFFER
13
ICS854S013BG REV. A FEBRUARY 26, 2008
Ordering Information
Table 9. Ordering Information
NOTE: Parts that are ordered with an "LF" suffix to the part number are the Pb-Free configuration and are RoHS compliant.
Part/Order Number
Marking
Package
Shipping Packaging
Temperature
ICS854S013BG
ICS854S013BG
20 Lead TSSOP
Tube
0
°C to 70°C
ICS854S013BGT
ICS854S013BG
20 Lead TSSOP
2500 Tape & Reel
0
°C to 70°C
ICS854S013BGLF
ICS54S013BL
“Lead-Free” 20 Lead TSSOP
Tube
0
°C to 70°C
ICS854S013BGLFT
ICS54S013BL
“Lead-Free” 20 Lead TSSOP
2500 Tape & Reel
0
°C to 70°C
While the information presented herein has been checked for both accuracy and reliability, Integrated Device Technology (IDT) assumes no responsibility for either its use or for
the infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use
in normal commercial applications. Any other applications, such as those requiring extended temperature ranges, high reliability or other extraordinary environmental requirements
are not recommended without additional processing by IDT. IDT reserves the right to change any circuitry or specifications without notice. IDT does not authorize or warrant any
IDT product for use in life support devices or critical medical instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com