Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS854S013BGLF Datasheet(PDF) 7 Page - Integrated Device Technology

Part # ICS854S013BGLF
Description  LOW SKEW, DUAL, 1-TO-3 DIFFERENTIAL-TO-LVDS FANOUT BUFFER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS854S013BGLF Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button ICS854S013BGLF Datasheet HTML 3Page - Integrated Device Technology ICS854S013BGLF Datasheet HTML 4Page - Integrated Device Technology ICS854S013BGLF Datasheet HTML 5Page - Integrated Device Technology ICS854S013BGLF Datasheet HTML 6Page - Integrated Device Technology ICS854S013BGLF Datasheet HTML 7Page - Integrated Device Technology ICS854S013BGLF Datasheet HTML 8Page - Integrated Device Technology ICS854S013BGLF Datasheet HTML 9Page - Integrated Device Technology ICS854S013BGLF Datasheet HTML 10Page - Integrated Device Technology ICS854S013BGLF Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
ICS854S013
LOW SKEW, DUAL, 1-TO-3 DIFFERENTIAL-TO-LVDS FANOUT BUFFER
PRELIMINARY
IDT™ / ICS™ LVDS FANOUT BUFFER
7
ICS854S013BG REV. A FEBRUARY 26, 2008
Parameter Measurement Information, continued
Output Rise/Fall Time
Differential Output Voltage Setup
Offset Voltage Setup
Clock
Outputs
20%
80%
80%
20%
tR
t F
VOD
➤
100
out
out
LVDS
DC Input
VOD/∆ VOD
V
DD
out
out
LVDS
DC Input
➤
VOS/∆ VOS
V
DD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com