Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE6368-G2 Datasheet(PDF) 39 Page - Infineon Technologies AG

Part # TLE6368-G2
Description  Multi-Voltage Processor Power Supply
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6368-G2 Datasheet(HTML) 39 Page - Infineon Technologies AG

Back Button TLE6368-G2 Datasheet HTML 35Page - Infineon Technologies AG TLE6368-G2 Datasheet HTML 36Page - Infineon Technologies AG TLE6368-G2 Datasheet HTML 37Page - Infineon Technologies AG TLE6368-G2 Datasheet HTML 38Page - Infineon Technologies AG TLE6368-G2 Datasheet HTML 39Page - Infineon Technologies AG TLE6368-G2 Datasheet HTML 40Page - Infineon Technologies AG TLE6368-G2 Datasheet HTML 41Page - Infineon Technologies AG TLE6368-G2 Datasheet HTML 42Page - Infineon Technologies AG TLE6368-G2 Datasheet HTML 43Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
TLE6368-G2
Data Sheet
39
Rev. 2.3, 2009-05-04
3.4.105 Reset
threshold
Q_LDO2
V
RTH
Q_LDO2, de
2.3
2.4
2.5
V
2.6V mode;
V
Q_LDO2
decreasing
3.4.106 Reset
threshold
hysteresis
Q_LDO2
V
RTH
Q_LDO2, in -
V
RTH
Q_LDO2, de
40
mV
2.6V mode
3.4.107 Reset output
low voltage
V
R2 L
0.4
V
I
R2=1.6mA;
V
Q_LDO2 =2.5V
3.4.108 Reset output
low voltage
V
R2 L
0.3
V
I
R2=0.3mA;
V
Q_LDO2 =1V
3.4.109 Reset output
low sink
current
I
R2 L
10
µA
V
Q_LDO2 =0.75V;
T
j > 25°C
3.4.110 Reset High
leakage
current
I
R2 H
1µA
Reset R3
3.4.111 Reset
threshold
Q_LDO3
V
RTH
Q_LDO3, de
2.7
2.85
3.0
V
3.3V mode;
V
Q_LDO3
decreasing
3.4.112 Reset
threshold
hysteresis
Q_LDO3
V
RTH
Q_LDO3, in -
V
RTH
Q_LDO3, de
40
mV
3.3V mode
3.4.113 Reset
threshold
Q_LDO3
V
RTH
Q_LDO3, de
2.3
2.35
2.5
V
2.6V mode;
V
Q_LDO3
decreasing
3.4.114 Reset
threshold
hysteresis
Q_LDO3
V
RTH
Q_LDO3, in -
V
RTH
Q_LDO3, de
40
mV
2.6V mode
3.4.115 Reset output
low voltage
V
R3 L
0.4
V
I
R3=1.6mA;
V
Q_LDO3 =3.3V
-40 < T
j <150 °C; VIN=13.5V unless otherwise specified
Item Parameter
Symbol
Limit Values
Unit
Test Conditions
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com