Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE6368-G2 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE6368-G2
Description  Multi-Voltage Processor Power Supply
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6368-G2 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE6368-G2 Datasheet HTML 17Page - Infineon Technologies AG TLE6368-G2 Datasheet HTML 18Page - Infineon Technologies AG TLE6368-G2 Datasheet HTML 19Page - Infineon Technologies AG TLE6368-G2 Datasheet HTML 20Page - Infineon Technologies AG TLE6368-G2 Datasheet HTML 21Page - Infineon Technologies AG TLE6368-G2 Datasheet HTML 22Page - Infineon Technologies AG TLE6368-G2 Datasheet HTML 23Page - Infineon Technologies AG TLE6368-G2 Datasheet HTML 24Page - Infineon Technologies AG TLE6368-G2 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
TLE6368-G2
Data Sheet
21
Rev. 2.3, 2009-05-04
2.12.4
SPI Timings
Figure 10
SPI Data Transfer Timing
DI
CLK
CS
DO
Data Out (N-1)
Data In (N)
DI: Data will be accepted on the falling edge of CLK-Signal
DO: State will change on the rising edge of CLK-Signal
time
Data In (N+1)
Data Out (N)
Tracker-
control
Setting (N)
Setting (N-1)
0
D1
D0
15
14
13
3
2
1
+
D1
D0
D0
D15
D14
D13
D2
D3
D0
+
D15
D14
D13
D3
D2
D1
D1
01
CS High to Low & rising edge of CLK: DO is enabled.
Status information is transferred to Output Shift Register
CS Low to High: Data from Register
are transferred to e.g. Trackers
e.g.
Status (N)
Status (N-1)
e.g.
Tracker-
status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com