Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE6368-G2 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE6368-G2
Description  Multi-Voltage Processor Power Supply
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6368-G2 Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE6368-G2 Datasheet HTML 1Page - Infineon Technologies AG TLE6368-G2 Datasheet HTML 2Page - Infineon Technologies AG TLE6368-G2 Datasheet HTML 3Page - Infineon Technologies AG TLE6368-G2 Datasheet HTML 4Page - Infineon Technologies AG TLE6368-G2 Datasheet HTML 5Page - Infineon Technologies AG TLE6368-G2 Datasheet HTML 6Page - Infineon Technologies AG TLE6368-G2 Datasheet HTML 7Page - Infineon Technologies AG TLE6368-G2 Datasheet HTML 8Page - Infineon Technologies AG TLE6368-G2 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 60 page
background image
PG-DSO-36-26
Multi-Voltage Processor Power Supply
Data Sheet
2
Rev. 2.3, 2009-05-04
TLE6368-G2
1Overview
1.1
Features
• High efficiency regulator system
• Wide input voltage range from 5.5V to 60V
• Stand-by mode with low current consumption
• Suitable for standard 12V/24V and 42V PowerNets
• Step down converter as pre-regulator:
5.5V / 1.5A
• Step down slope control for lowest EME
• Switching loss minimization
• Three high current linear post-regulators with
selectable output voltages:
5V / 800mA
3.3V or 2.6V / 500mA
3.3V or 2.6V / 350mA
• Six independent voltage trackers (followers):
5V / 17mA each
• Stand-by regulator with 1mA current capability
• Three independent undervoltage detection circuits
(e.g. reset, early warning) for each linear post-regulator
• Power on reset functionality
• Tracker control and diagnosis by SPI
• All outputs protected against short-circuit
• Power PG-DSO-36-26 package
• Green (RoHS compliant) version of TLE6368-G2
• AEC qualified
SMD = Surface Mounted Device
Type
Package
TLE6368-G2 / SONIC
PG-DSO-36-26 (RoHS compliant)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com