Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE7263E Datasheet(PDF) 43 Page - Infineon Technologies AG

Part # TLE7263E
Description  Integrated HS-CAN, LIN, LDO and HS Switch System Basis Chip
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7263E Datasheet(HTML) 43 Page - Infineon Technologies AG

Back Button TLE7263E Datasheet HTML 39Page - Infineon Technologies AG TLE7263E Datasheet HTML 40Page - Infineon Technologies AG TLE7263E Datasheet HTML 41Page - Infineon Technologies AG TLE7263E Datasheet HTML 42Page - Infineon Technologies AG TLE7263E Datasheet HTML 43Page - Infineon Technologies AG TLE7263E Datasheet HTML 44Page - Infineon Technologies AG TLE7263E Datasheet HTML 45Page - Infineon Technologies AG TLE7263E Datasheet HTML 46Page - Infineon Technologies AG TLE7263E Datasheet HTML 47Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 63 page
background image
TLE 7263E
Electrical Characteristics
Data Sheet
43
Rev. 1.51, 2007-06-22
Leakage current
I
bus,lk
-500
-140
–
µA
V
S = 0 V; Vbus = -8 V
(LIN Spec 1.3 (2.0);
Line 10.1.7 (3.1.7))
–10
25
µA
V
S = 0 V; Vbus = 18 V
(LIN Spec 1.3 (2.0);
Line 10.1.8 (3.1.8))
-1
–
–
mA
V
S = 18 V; Vbus = 0 V
(LIN Spec 1.3 (2.0);
Line 10.1.5(3.1.5))
––
20
µA
V
BUS =18V VS = 8V
(LIN Spec 1.3 (2.0);
Line 10.1.6 (3.1.6))
Bus pull-up resistance
R
bus
20
30
60
k
Ω
Active/Standby mode
(LIN Spec 1.3 (2.0);
Line 10.2.2 (3.2.2))
LIN output current
I
lin
520
60
µA
Sleep mode;
V
bus = 0V
Table 13
Electrical Characteristics (cont’d)
V
S = 13.5 V; ICC1 = 1 mA; 4.9 V < VCC1/2 < 5.1 V; SBC Active Mode; all outputs open;
-40
°C < Tj < 150 °C (max. 125 °C for CAN circuit characteristics); all voltages with
respect to ground; positive current defined flowing into pin; unless otherwise specified.
Parameter
Symbol
Limit Values
Unit Test Condition
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com