Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE7263E Datasheet(PDF) 25 Page - Infineon Technologies AG

Part # TLE7263E
Description  Integrated HS-CAN, LIN, LDO and HS Switch System Basis Chip
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7263E Datasheet(HTML) 25 Page - Infineon Technologies AG

Back Button TLE7263E Datasheet HTML 21Page - Infineon Technologies AG TLE7263E Datasheet HTML 22Page - Infineon Technologies AG TLE7263E Datasheet HTML 23Page - Infineon Technologies AG TLE7263E Datasheet HTML 24Page - Infineon Technologies AG TLE7263E Datasheet HTML 25Page - Infineon Technologies AG TLE7263E Datasheet HTML 26Page - Infineon Technologies AG TLE7263E Datasheet HTML 27Page - Infineon Technologies AG TLE7263E Datasheet HTML 28Page - Infineon Technologies AG TLE7263E Datasheet HTML 29Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 63 page
background image
TLE 7263E
Features
Data Sheet
25
Rev. 1.51, 2007-06-22
Table 10
SPI Output Data
Pos.
Output Data “active”1)
Output Data “after wake-up”2)
0
V
CC1 Temperature Prewarning
V
CC1 Temperature Prewarning
1
HS Overcurrent
HS Overcurrent
2
OUTHS UV / Temp. Shut-Down
OUTHS UV / Temp. Shut-Down
3
Window Watchdog Reset
Window Watchdog Reset
4
MON1 Logic Input Level
Wake-Up via MON1
5
MON2 Logic Input Level
Wake-Up via MON2
6
MON3 Logic Input Level
Wake-Up via MON3
7
MON4 Logic Input Level
Wake-Up via MON4
8
MONx Initialization Failure
MONx Initialization Failure
9
LIN Failure
Bus Wake-Up via LIN Msg.
10
CAN Local Failure
Bus Wake-Up via CAN Msg.
11
CAN Bus Failure
End of Cyclic Wake Period
12
V
CC1 Fail (active low)
V
CC1 Fail (active low)
13
V
CC2 Fail (active low)
V
CC2 Fail (active low)
14
V
INT Fail (active low)
V
INT Fail (active low)
15
“reserved” / not used
“reserved” / not used
1) “1” = ON (enable), “0” = OFF (disable)
2) “1” = ON, “0” = OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com