Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLE7263E Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # TLE7263E
Description  Integrated HS-CAN, LIN, LDO and HS Switch System Basis Chip
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7263E Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button TLE7263E Datasheet HTML 13Page - Infineon Technologies AG TLE7263E Datasheet HTML 14Page - Infineon Technologies AG TLE7263E Datasheet HTML 15Page - Infineon Technologies AG TLE7263E Datasheet HTML 16Page - Infineon Technologies AG TLE7263E Datasheet HTML 17Page - Infineon Technologies AG TLE7263E Datasheet HTML 18Page - Infineon Technologies AG TLE7263E Datasheet HTML 19Page - Infineon Technologies AG TLE7263E Datasheet HTML 20Page - Infineon Technologies AG TLE7263E Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 63 page
background image
TLE 7263E
Features
Data Sheet
17
Rev. 1.51, 2007-06-22
Continuous Timer Mode (CTM) for “Cyclic Wake Timer”
Upon start of the “cyclic wake timer” in Cyclic Wake Mode the operating mode might be
changed to “SBC Active Mode” by the microcontroller, e.g. in order to transmit data via
the CAN or LIN transceiver. In this case the timer continues running with the selected
period started in Cyclic Wake Mode. This behavior guarantees the periodic generation
of a wake-up signal at the WKO pin, even in case of a mode switch. However, this
provides that the time spent in SBC Active Mode is not exceeding the selected period.
Should a time-out (end of selected period) occur in SBC Active Mode before the Cyclic
Wake Mode is re-entered, the SBC will generate an interrupt signal at its WKO pin if the
CTM feature is enabled via the respective SPI bit (see Figure 11).
When the CTM feature is set in the SPI, a wake-up event at the CAN bus in “SBC Active
CAN Sleep” mode or at the LIN bus in the “SBC Active LIN Sleep” mode results in
switching WKO “low” in addition to switching the RxD to “low”.
4.8
Dual Low Dropout Voltage Regulator
The dual low dropout voltage regulator integrated in the TLE 7263E is able to drive
external as well as internal loads, e.g. CAN-circuit supplied via
V
CC2, even in case of a
bus short circuit. Its output voltage tolerance is better than
±2%. The maximum output
current for external loads is limited to 150 mA (
V
CC1), e.g. for microcontroller supply, and
150 mA (
V
CC2) for internal CAN module and, e.g. for external sensor supply. The two
voltage regulator outputs are protected against overload and overtemperature. The
thermal pre-warning flag might be used by the microcontroller to reduce the power
dissipation of the TLE 7263E by switching off functions of minor priority until the
temperature threshold of the thermal shutdown is reached.
An external reverse current protection is required at the pin
V
S to prevent the output
capacitor from being discharged by negative transients or low input voltage.
A capacitor of 10
µF at the supply voltage input VS buffers the input voltage. In
combination with the required reverse polarity diode this prevents the device from
detecting power down conditions in case of negative transients on the supply line.
Stability of the output voltage is guaranteed for output capacitors
C
Q ≥ 100 nF,
nevertheless it is recommended to use capacitors
C
Q ≥ 10 µF to buffer the output voltage
and therefore improve the reset behavior at input voltage transients.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com