Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP2401 Datasheet(PDF) 12 Page - BCD Semiconductor Manufacturing Limited

Part # AP2401
Description  DUAL LDO REGULATORS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2401 Datasheet(HTML) 12 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2401_09 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2401_09 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2401_09 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2401_09 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2401_09 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP2401_09 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AP2401_09 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AP2401_09 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited AP2401_09 Datasheet HTML 16Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Data Sheet
12
Oct. 2009 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
DUAL LDO REGULATORS
AP2401
Figure 24. Quiescent Current vs. Input Voltage
01
2
3
456
0
15
30
45
60
75
90
Input Voltage (V)
1.8V (Channel 1)
T
J=-40
oC
T
J=25
oC
T
J=85
oC
Figure 25. Quiescent Current vs. Input Voltage
012
34
56
0
15
30
45
60
75
90
Input Voltage (V)
2.5V (Channel 2)
T
J=-40
oC
T
J=25
oC
T
J=85
oC
01
2
3
456
0
15
30
45
60
75
90
Input Voltage (V)
2.8V (Channel 2)
T
J=-40
oC
T
J=25
oC
T
J=85
oC
Figure 26. Quiescent Current vs. Input Voltage
Figure 27. Quiescent Current vs. Input Voltage
Typical Performance Characteristics (Continued)
012
3456
0
15
30
45
60
75
90
Input Voltage (V)
3.3V (Channel 2)
T
J=-40
oC
T
J=25
oC
T
J=85
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com