Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP2401 Datasheet(PDF) 18 Page - BCD Semiconductor Manufacturing Limited

Part # AP2401
Description  DUAL LDO REGULATORS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2401 Datasheet(HTML) 18 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2401_09 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AP2401_09 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited AP2401_09 Datasheet HTML 16Page - BCD Semiconductor Manufacturing Limited AP2401_09 Datasheet HTML 17Page - BCD Semiconductor Manufacturing Limited AP2401_09 Datasheet HTML 18Page - BCD Semiconductor Manufacturing Limited AP2401_09 Datasheet HTML 19Page - BCD Semiconductor Manufacturing Limited AP2401_09 Datasheet HTML 20Page - BCD Semiconductor Manufacturing Limited AP2401_09 Datasheet HTML 21Page - BCD Semiconductor Manufacturing Limited AP2401_09 Datasheet HTML 22Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
Data Sheet
18
Oct. 2009 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
DUAL LDO REGULATORS
AP2401
Time (100
µs/Div)
Figure 48. Cross Talk 8
CIN=COUT=1µF)
0
50
-50
100
0
0
50
100
200
0
∆V
OUT2
∆V
OUT1
IOUT2
IOUT1
-100
-100
100
-200
(Conditions: channel 1 and 2 on, IOUT1=IOUT2=10 to 100mA,
300
Typical Performance Characteristics (Continued)
1.8V/2.8V
(Channel 1/Channel 2)
150
CIN=COUT=1µF)
Time (100
µs/Div)
Figure 49. Cross Talk 9
0
50
-50
100
0
0
50
100
200
0
∆V
OUT2
∆V
OUT1
IOUT2
IOUT1
-100
-100
100
150
-200
(Conditions: channel 1 and 2 on, IOUT1=IOUT2=10 to 100mA,
300
1.8V/3.3V
(Channel 1/Channel 2)
Figure 50. Enable Voltage vs. Output Voltage
Time (10
µs/Div)
VOUT2
VOUT1
0
1
0
-1
0
1
-2
-3
2
3
2
3
(Conditions: VCE1=VCE2=0 to 2V, IOUT=0mA, CIN=COUT=1µF)
1.8V/2.8V
(Channel 1/Channel 2)
0
25
50
75
100
125
150
175
200
0.01
0.1
1
10
100
Output Current (mA)
Stable Area
Figure 51. ESR vs. Output Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com