Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP2401 Datasheet(PDF) 14 Page - BCD Semiconductor Manufacturing Limited

Part # AP2401
Description  DUAL LDO REGULATORS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2401 Datasheet(HTML) 14 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2401_09 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2401_09 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2401_09 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP2401_09 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AP2401_09 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AP2401_09 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited AP2401_09 Datasheet HTML 16Page - BCD Semiconductor Manufacturing Limited AP2401_09 Datasheet HTML 17Page - BCD Semiconductor Manufacturing Limited AP2401_09 Datasheet HTML 18Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Data Sheet
14
Oct. 2009 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
DUAL LDO REGULATORS
AP2401
Figure 32. Line Transient
(Conditions: IOUT=30mA, CIN=100nF, COUT=1µF)
Time (40
µs/Div)
0
3
4
50
-50
5
4
5
6
Time (40
µs/Div)
0
50
-50
Figure 33. Line Transient
Figure 35. Line Transient
0
-50
4
5
6
Time (40
µs/Div)
0
100
-100
∆V
OUT2
∆V
OUT1
-100
-150
-200
-100
6
7
-100
(Conditions: IOUT=30mA, CIN=100nF, COUT=1µF)
(Conditions: channel 1 and 2 on, IOUT=30mA,
7
1.8V (Channel 1)
1.8V/2.5V
(Channel 1/Channel 2)
CIN=100nF, COUT=1µF)
Typical Performance Characteristics (Continued)
4
5
6
Time (40
µs/Div)
0
50
-50
Figure 34. Line Transient
7
-100
(Conditions: IOUT=30mA, CIN=100nF, COUT=1µF)
2.5V (Channel 2)
2.8V (Channel 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com