Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC3823IGNPBF Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3823IGNPBF
Description  Fast No RSENSE Step-Down Synchronous DC/DC Controller with Differential Output Sensing, Tracking and PLL
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3823IGNPBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3823IGNPBF Datasheet HTML 3Page - Linear Technology LTC3823IGNPBF Datasheet HTML 4Page - Linear Technology LTC3823IGNPBF Datasheet HTML 5Page - Linear Technology LTC3823IGNPBF Datasheet HTML 6Page - Linear Technology LTC3823IGNPBF Datasheet HTML 7Page - Linear Technology LTC3823IGNPBF Datasheet HTML 8Page - Linear Technology LTC3823IGNPBF Datasheet HTML 9Page - Linear Technology LTC3823IGNPBF Datasheet HTML 10Page - Linear Technology LTC3823IGNPBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
LTC3823
7
3823fd
PIN FUNCTIONS (UH/GN)
VRNG (Pin 1/Pin 5): Sense Voltage Range Input. The volt-
age at this pin is ten times the nominal sense voltage at
maximum output current and can be set from 0.5V to 2V
by a resistive divider from INTVCC. The nominal sense
voltage defaults to 50mV when this pin is tied to ground
and 200mV when tied to INTVCC. Do not set this voltage
between 0.5V to ground and 2V to INTVCC.
VFB (Pin 2/Pin 6): Error Amplifier Feedback Input. This pin
connects the error amplifier input to an external resistive
divider from VOUT.
ITH (Pin 3/Pin 7): Current Control Threshold and Error
Amplifier Compensation Point. The current comparator
threshold increases with this control voltage. The voltage
ranges from 0V to 2.4V with 0.75V corresponding to zero
sense voltage (zero current).
SGND (Pin 4/Pin 8): Signal Ground. All small-signal
components and compensation components should
connect to this ground, which in turn, connects to PGND
at one point.
ION (Pin 5/Pin 9): On-Time Current Input. Tie a resistor
from this pin to ground to set the one-shot timer current
and thereby, set the switching frequency.
VDIFFOUT (Pin 6/Pin 10): Output of Remote Sensing Dif-
ferential Amplifier. Connect this to VFB directly or through
a resistive divider.
VOUTSENSE+ (Pin 8/Pin 11): This is the positive sense pin
for the remote sense differential amplifier. Connect this pin
to the positive terminal of the output load capacitor.
VOUTSENSE– (Pin 9/Pin 12): This is the negative sense pin
for the remote sense differential amplifier. Connect this pin
to the negative terminal of the output load capacitor.
NC (Pins 7, 10, UH Package): No Connect.
TRACK/SS (Pin 11/Pin 13): Output Voltage Tracking and
Soft-Start Input. When the IC is configured to be the
master of two outputs, a capacitor to ground at this pin
sets the ramp rate for the output voltage. When the IC is
configured to be the slave of two outputs, the VFB voltage
of the master IC is reproduced by a resistive divider and
applied to this pin during the soft-start phase. An internal
1.7μA soft-start current is charging this pin during the
soft-start phase.
PLLFLTR (Pin 12/Pin 14): The phase-locked loop’s lowpass
filter is tied to this pin. The voltage at this pin defaults to
1.180V when the IC is not synchronized with an external
clock at the PLLIN pin.
PLLIN (Pin 13/Pin 15): External Synchronization Input to
Phase Detector. This pin is internally terminated to SGND
with a 50k resistor.
VIN (Pin 14/Pin 16): Main Input Supply. Decouple this to
PGND with a capacitor (0.1μF to 1μF).
VINSNS (Pin 15, UH Package): VIN Voltage Sense Input.
Normally this pin is tied to VIN. However, in certain ap-
plications when the IC is powered from a separate supply,
VINSNS is tied to the upper MOSFET supply to sense the
VIN voltage. This pin is co-bonded with VIN in the GN
package.
ZVCC (Pin 16/Pin 17): Post-Package Zener Trim Supply.
Under normal conditions this pin should always be con-
nected to INTVCC.
Z1/SSENABLE (Pin 17/Pin 18): Post-Package Zener Trim
Control. This pin is a multifunctional pin used in produc-
tion for post-package trimming and tracking. Ground this
pin under normal soft-start operation. Connecting this
pin to INTVCC will turn off the soft-start current during
tracking.
Z2 (Pin 18/Pin 19): Post-Package Zener Trim Control.
This pin is used in production for post-package trimming.
Ground this pin under normal operation.
INTVCC (Pin 19/Pin 20): Internal 5V Regulated Output. The
control circuits are powered from this voltage. Decouple
this pin to PGND with a minimum of 4.7μF low ESR tan-
talum or ceramic capacitor.
DRVCC (Pin 20, UH Package): Driver Voltage Input. Must
be connected to INTVCC externally. Do not exceed 7V at
this pin. This pin is co-bonded to INTVCC internally in the
GN package.
BG (Pin 21/Pin 21): Bottom Gate Driver Output. This pin
drives the gate of the bottom N-channel MOSFET between
ground and INTVCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com