Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC3823IGNPBF Datasheet(PDF) 12 Page - Linear Technology

Part # LTC3823IGNPBF
Description  Fast No RSENSE Step-Down Synchronous DC/DC Controller with Differential Output Sensing, Tracking and PLL
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3823IGNPBF Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC3823IGNPBF Datasheet HTML 8Page - Linear Technology LTC3823IGNPBF Datasheet HTML 9Page - Linear Technology LTC3823IGNPBF Datasheet HTML 10Page - Linear Technology LTC3823IGNPBF Datasheet HTML 11Page - Linear Technology LTC3823IGNPBF Datasheet HTML 12Page - Linear Technology LTC3823IGNPBF Datasheet HTML 13Page - Linear Technology LTC3823IGNPBF Datasheet HTML 14Page - Linear Technology LTC3823IGNPBF Datasheet HTML 15Page - Linear Technology LTC3823IGNPBF Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
LTC3823
12
3823fd
The resulting power dissipation in the MOSFETs at maxi-
mum output current are:
PTOP = DTOP IOUT(MAX)2 ρT(TOP) RDS(ON)(MAX)
+ k VIN2 IOUT(MAX) CRSS f
PBOT = DBOT IOUT(MAX)2 ρT(BOT) RDS(ON)(MAX)
Both MOSFETs have I2R losses and the top MOSFET in-
cludes an additional term for transition losses, which are
largest at high input voltages. The constant k = 1.7A–1 can be
used to estimate the amount of transition loss. The bottom
MOSFET losses are greatest when the bottom duty cycle is
near 100%, during a short-circuit or at high input voltage.
Operating Frequency
The choice of operating frequency is a tradeoff between
efficiency and component size. Low frequency operation
improves efficiency by reducing MOSFET switching losses
but requires larger inductance and/or capacitance in order
to maintain low output ripple voltage.
The operating frequency of LTC3823 applications is de-
termined implicitly by the one-shot timer that controls
the on-time, tON, of the top MOSFET switch. The on-time
is set by the current out of the ION pin and the voltage at
the VON pin according to:
t
V
I
pF
ON
VON
ION
=
()
10
Tying a resistor RON to SGND from the ION pin yields an
on-time inversely proportional to 1/3 VIN. The current out
of the ION pin is:
I
V
R
ION
IN
ON
=
3
For a step-down converter, this results in approximately
constant frequency operation as the input supply varies:
f
V
VR
pF
H
OUT
VON
ON
Z
=
•(
)
[]
310
To hold frequency constant during output voltage changes,
tie the VON pin to VOUT. The VON pin has internal clamps
that limit its input to the one-shot timer. If the pin is tied
below 0.6V, the input to the one-shot is clamped at 0.6V.
Similarly, if the pin is tied above 4.8V, the input is clamped
at 4.8V. In high VOUTapplications,tieVONtoINTVCC.Figures
2a and 2b show how RON relates to switching frequency
for several common output voltages.
JUNCTION TEMPERATURE (°C)
–50
1.0
1.5
150
3823 F01
0.5
0
0
50
100
2.0
Figure 1. RDS(ON) vs Temperature
APPLICATIONS INFORMATION
RON (kΩ)
100
100
1000
1000
3823 F02a
VOUT = 3.3V
VOUT = 1.5V
VOUT = 2.5V
RON (kΩ)
10
100
1000
100
1000
3823 F02b
VOUT = 3.3V
VOUT = 12V
VOUT = 5V
Figure 2a. Switching Frequency vs RON (VON = 0V)
Figure 2b. Switching Frequency vs RON (VON = INTVCC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com