Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC3823IGNPBF Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3823IGNPBF
Description  Fast No RSENSE Step-Down Synchronous DC/DC Controller with Differential Output Sensing, Tracking and PLL
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3823IGNPBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3823IGNPBF Datasheet HTML 2Page - Linear Technology LTC3823IGNPBF Datasheet HTML 3Page - Linear Technology LTC3823IGNPBF Datasheet HTML 4Page - Linear Technology LTC3823IGNPBF Datasheet HTML 5Page - Linear Technology LTC3823IGNPBF Datasheet HTML 6Page - Linear Technology LTC3823IGNPBF Datasheet HTML 7Page - Linear Technology LTC3823IGNPBF Datasheet HTML 8Page - Linear Technology LTC3823IGNPBF Datasheet HTML 9Page - Linear Technology LTC3823IGNPBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
LTC3823
6
3823fd
TYPICAL PERFORMANCE CHARACTERISTICS
VOUT
2V/DIV
TRACK/SS
AND VFB
500mV/DIV
250ms/DIV
3823 G13
TRACK/SS
VFB
VOUT
FIGURE 12 CIRCUIT
VOUT
100mV/DIV
IL
5A/DIV
STEP
0A TO 10A
20μs/DIV
3823 G14
FIGURE 12 CIRCUIT
Track Down
Transient Response
Efficiency vs Load Current
LOAD CURRENT (A)
0.1
50
55
65
70
75
100
85
1
3823 G15
60
90
95
80
10
DISCONTINUOUS MODE
CONTINUOUS MODE
FIGURE 12 CIRCUIT
LOAD CURRENT (A)
0
0
200
600
800
1000
1400
1
5
7
3823 G16
400
1200
4
9
10
2
3
68
FIGURE 12 CIRCUIT
DISCONTINUOUS MODE
CONTINUOUS MODE
INPUT VOLTAGE (V)
0
240
260
280
300
320
340
360
510
15
20
3823 G17
25
ILOAD = 10A
ILOAD = 1A
FCB = 0V
FIGURE 12 CIRCUIT
ITH Voltage vs Load Current
Frequency vs Input Voltage
Efficiency vs Input Voltage
Frequency vs Load Current
INPUT VOLTAGE (V)
0
92
96
100
20
3823 G18
88
84
90
94
98
86
82
80
5
10
15
25
ILOAD = 10A
ILOAD = 1A
FCB = 5V
FIGURE 12 CIRCUIT
LOAD CURRENT (A)
0
400
350
300
250
200
150
100
50
0
8
3823 G19
246
10
7
135
9
FIGURE 12 CIRCUIT
DISCONTINUOUS MODE
CONTINUOUS
MODE
Current Limit Foldback
ION Current vs VIN
VFB (V)
0
60
80
100
0.3
0.5
3823 G20
40
20
0
0.1
0.2
0.4
120
140
160
0.6
VRNG = 1V
INPUT VOLTAGE, VIN (V)
0
80
100
140
15
25
3823 G21
60
40
510
20
30
35
20
0
120
RON = 82k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com