Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLC59401PWPR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLC59401PWPR
Description  16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC59401PWPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLC59401PWPR Datasheet HTML 9Page - Texas Instruments TLC59401PWPR Datasheet HTML 10Page - Texas Instruments TLC59401PWPR Datasheet HTML 11Page - Texas Instruments TLC59401PWPR Datasheet HTML 12Page - Texas Instruments TLC59401PWPR Datasheet HTML 13Page - Texas Instruments TLC59401PWPR Datasheet HTML 14Page - Texas Instruments TLC59401PWPR Datasheet HTML 15Page - Texas Instruments TLC59401PWPR Datasheet HTML 16Page - Texas Instruments TLC59401PWPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
MODE
XLAT
SIN(a)
SCLK
SOUT(b)
BLANK
GSCLK
OUT0
(current)
OUT1
(current)
OUT15
(current)
XERR
1
192X2
DCb
MSB
DCa
LSB
DCb
MSB
1
384
385
1
384
385
1
1
4096
1
GSb1
MSB
GSa1
LSB
GSb1
MSB
GSb2
MSB
GSa2
LSB
GSb2
MSB
SIDb2
MSB
SIDb2
MSB-1
SIDb1
MSB
SIDb1
MSB-1
SIDa1
LSB
GSb3
MSB
-
-
-
192
96X2
TLC59401
www.ti.com
SBVS137 – DECEMBER 2009
Figure 14. Timing Chart for Two Cascaded TLC59401 Devices
ERROR INFORMATION OUTPUT
The open-drain output XERR is used to report both of the TLC59401 error flags, TEF and LOD. During normal
operation, the internal transistor connected to the XERR pin is turned off. The voltage on XERR is pulled up to
VCC through an external pull-up resistor. If TEF or LOD is detected, the internal transistor is turned on, and XERR
is pulled to GND. Because XERR is an open-drain output, multiple ICs can be ORed together and pulled up to
VCC with a single pull-up resistor. This capability reduces the number of signals needed to report a system error
(see Figure 22).
To differentiate the LOD and TEF signal from the XERR pin, LOD can be masked out with BLANK pulled high.
Table 2. XERR Truth Table
ERROR CONDITION
ERROR INFORMATION
SIGNALS
TEMPERATURE
OUTn VOLTAGE
TEF
LOD
BLANK
XERR
TJ < T(TEF)
Don't care
Low
X
High
High
TJ > T(TEF)
Don't care
High
X
Low
OUTn > V(LED)
Low
Low
High
TJ < T(TEF)
OUTn < V(LED)
Low
High
Low
Low
OUTn > V(LED)
High
Low
Low
TJ > T(TEF)
OUTn < V(LED)
High
High
Low
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TLC59401



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com