| Electronic Components Datasheet Search |
|
TLC59401PWPR Datasheet(PDF) 21 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLC59401PWPR Datasheet(HTML) 21 Page - Texas Instruments |
|
21 / 29 page ![]() GSCLK BLANK GSPWM Cyclen 1 2 3 1 GSPWM Cyclen+1 OUT0 OUT1 OUT15 XERR nxt d tpd1 tpd1 +td tpd1 +15xtd tpd2 tpd3 twh1 twl1 twl1 tpd3 4096 th4 twh3 tpd3+nxtd tsu4 (Current) (Current) (Current) ) GSCLK ( n f GSn on _ T err _ on t + = TLC59401 www.ti.com SBVS137 – DECEMBER 2009 GRAYSCALE PWM OPERATION The grayscale PWM cycle starts with the falling edge of BLANK. The first GSCLK pulse after BLANK goes low increases the grayscale counter by one and switches on all OUTn with a grayscale value not equal to zero. Each following rising edge of GSCLK increases the grayscale counter by one. The TLC59401 compares the grayscale value of each output OUTn with the grayscale counter value. All OUTn with grayscale values equal to the counter values are switched off. A high BLANK signal after 4096 GSCLK pulses resets the grayscale counter to zero and completes the grayscale PWM cycle ,as Figure 21 shows. When the counter reaches a count of FFFh, the counter stops counting and all outputs turn off. Pulling BLANK high before the counter reaches FFFh immediately resets the counter to zero. If there are any unconnected outputs (OUTn), including LEDs in a failed short or failed open condition, the GS data corresponding to the unconnected output should be set to '0' before turning on the LEDs. Otherwise, the VCC supply current (ICC) increases while the constant-current output is on. Figure 21. Grayscale PWM Cycle Timing Chart Output On-Time The amount of time that each output is turned on is a function of the grayscale clock frequency and the programmed grayscale PWM value. The on-time of each output can be calculated using Equation 10. (10) where: T_onn is the time that OUTn turns on and sinks current GSn is the OUTn programmed grayscale PWM value between 0 and 4095 ton_err is the output on-time error defined in the Switching Characteristics Table Copyright © 2009, Texas Instruments Incorporated Submit Documentation Feedback 21 Product Folder Link(s): TLC59401 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |