Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLC59401PWPR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLC59401PWPR
Description  16-CHANNEL LED DRIVER WITH DOT CORRECTION AND GRAYSCALE PWM CONTROL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC59401PWPR Datasheet(HTML) 2 Page - Texas Instruments

  TLC59401PWPR Datasheet HTML 1Page - Texas Instruments TLC59401PWPR Datasheet HTML 2Page - Texas Instruments TLC59401PWPR Datasheet HTML 3Page - Texas Instruments TLC59401PWPR Datasheet HTML 4Page - Texas Instruments TLC59401PWPR Datasheet HTML 5Page - Texas Instruments TLC59401PWPR Datasheet HTML 6Page - Texas Instruments TLC59401PWPR Datasheet HTML 7Page - Texas Instruments TLC59401PWPR Datasheet HTML 8Page - Texas Instruments TLC59401PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
TLC59401
SBVS137 – DECEMBER 2009
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
TA
PACKAGE
PART NUMBER
–40°C to +85°C
28-pin HTSSOP PowerPAD™
TLC59401PWP
–40°C to +85°C
32-pin 5 mm x 5 mm QFN
TLC59401RHB
(1)
For the most current package and ordering information, see the Package Option Addendum at the end
of this document, or see the TI web site at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range, unless otherwise noted.
TLC59401
UNIT
VI
Input voltage range(2)
VCC
–0.3 to 6
V
IO
Output current (dc)
130
mA
V(BLANK), V(SCLK), V(XLAT), V(MODE), V(SIN), V(GSCLK), V(IREF),
VI
Input voltage range
–0.3 to VCC +0.3
V
V(TEST)
V(SOUT), V(XERR)
–0.3 to VCC +0.3
V
VO
Output voltage range
V(OUT0) to V(OUT15)
–0.3 to 18
V
HBM (JEDEC JESD22-A114, human body model)
2
kV
ESD rating
CDM (JEDEC JESD22-C101, charged device model)
500
V
TJ(max) Operating junction temperature
+150
°C
TSTG
Storage temperature range
–55 to +150
°C
TA
Operating ambient temperature range
–40 to +85
°C
HTSSOP (PWP)(4)
31.58
°C/W
Package thermal impedance(3)
QFN (RHB)(4)
35.9
°C/W
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute maximum rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
(3)
The package thermal impedance is calculated in accordance with JESD 51-7.
(4)
With PowerPAD soldered on PCB with 2-oz. trace of copper. See TI application report SLMA002 for further information.
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TLC59401



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com